Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD0345BS8500RF Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Fiches technique(HTML) 2 Page - Texas Instruments

  AD0345BS8500RF Datasheet HTML 1Page - Texas Instruments AD0345BS8500RF Datasheet HTML 2Page - Texas Instruments AD0345BS8500RF Datasheet HTML 3Page - Texas Instruments AD0345BS8500RF Datasheet HTML 4Page - Texas Instruments AD0345BS8500RF Datasheet HTML 5Page - Texas Instruments AD0345BS8500RF Datasheet HTML 6Page - Texas Instruments AD0345BS8500RF Datasheet HTML 7Page - Texas Instruments AD0345BS8500RF Datasheet HTML 8Page - Texas Instruments AD0345BS8500RF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
GLP AND ZMB PACKAGES
( BOTTOM VIEW )
20
21
19
18
16
15
17
13
11
10
12
14
W
Y
AA
V
T
U
P
M
N
R
8
7
6
4
5
L
J
K
G
E
F
H
3
2
D
B
C
A
1
9
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
Engineering Evaluation (/EM) Samples are
Available (2)
(2)
These units are intended for engineering evaluation only.
They are processed to a non-compliant flow (e.g. No Burn-In,
etc.) and are tested to a temperature rating of 25°C only.
These units are not suitable for qualification, production,
radiation testing or flight use. Parts are not warranted for
performance over the full MIL specified temperature range of
-55°C to 125°C or operating life.
DESCRIPTION
The SMJ320C67x DSPs are the floating-point DSP family in the SMJ320C6000 platform. The SMJ320C6701
(’C6701) device is based on the high-performance, advanced VelociTI™ very-long-instruction-word (VLIW)
architecture developed by Texas Instruments (TI), making this DSP an excellent choice for multichannel and
multifunction applications. With performance of up to 1 giga floating-point operations per second (GFLOPS) at a
clock rate of 140 MHz, the ’C6701 offers cost-effective solutions to high-performance DSP programming
challenges. The ’C6701 DSP possesses the operational flexibility of high-speed controllers and the numerical
capability of array processors. This processor has 32 general-purpose registers of 32-bit word length and eight
highly independent functional units. The eight functional units provide four floating-/fixed-point ALUs, two fixed-
point ALUs, and two floating-/fixed-point multipliers. The ’C6701 can produce two multiply-accumulates (MACs)
per cycle for a total of 334 million MACs per second (MMACS). The ’C6701 DSP also has application-specific
hardware logic, on-chip memory, and additional on-chip peripherals.
The ’C6701 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals. Program
memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program space.
Data memory consists of two 32K-byte blocks of RAM. The peripheral set includes two multichannel buffered
serial ports (McBSPs), two general-purpose timers, a host-port interface (HPI), and a glueless external memory
interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The ’C6701 has a complete set of development tools that includes a new C compiler, an assembly optimizer to
simplify programming and scheduling, and a Windows™ debugger interface for visibility into source code
execution.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP


Numéro de pièce similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Description similaire - AD0345BS8500RF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com