Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 13 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 9Page - Texas Instruments AD0345AS8500RF Datasheet HTML 10Page - Texas Instruments AD0345AS8500RF Datasheet HTML 11Page - Texas Instruments AD0345AS8500RF Datasheet HTML 12Page - Texas Instruments AD0345AS8500RF Datasheet HTML 13Page - Texas Instruments AD0345AS8500RF Datasheet HTML 14Page - Texas Instruments AD0345AS8500RF Datasheet HTML 15Page - Texas Instruments AD0345AS8500RF Datasheet HTML 16Page - Texas Instruments AD0345AS8500RF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Signal Descriptions (continued)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKS0
K18
I
Extended clock source (as opposed to internal)
CLKR0
L21
I/O/Z
Receive clock
CLKX0
K20
I/O/Z
Transmit clock
DR0
J21
I
Receive data
DX0
M21
O/Z
Transmit data
FSR0
P16
I/O/Z
Receive frame sync
FSX0
N16
I/O/Z
Transmit frame sync
RESERVED FOR TEST
RSV0
N21
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV1
K16
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV2
B13
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV3
B14
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV4
F13
I
Reserved for testing, pulldown with a dedicated 20-k
Ω resistor
RSV5
C15
O
Reserved (leave unconnected, do not connect to power or ground)
RSV6
F7
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV7
D7
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV8
B5
I
Reserved for testing, pullup with a dedicated 20-k
Ω resistor
RSV9
F16
O
Reserved (leave unconnected, do not connect to power or ground)
C14
C8
E19
E3
H11
H13
H9
J10
J12
J14
DVDD
J19
S
3.3-V supply voltage
J3
J8
K11
K13
K15
K7
K9
L10
L12
L14
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn