Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 56 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 56 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 52Page - Texas Instruments AD0345AS8500RF Datasheet HTML 53Page - Texas Instruments AD0345AS8500RF Datasheet HTML 54Page - Texas Instruments AD0345AS8500RF Datasheet HTML 55Page - Texas Instruments AD0345AS8500RF Datasheet HTML 56Page - Texas Instruments AD0345AS8500RF Datasheet HTML 57Page - Texas Instruments AD0345AS8500RF Datasheet HTML 58Page - Texas Instruments AD0345AS8500RF Datasheet HTML 59Page - Texas Instruments AD0345AS8500RF Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
TCK
TDO
TDI/TMS/TRST
1
2
3
4
2
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
Timing Requirements for JTAG Test Port (continued)
(see Figure 40)
NO.
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
35
ns
3
tsu(TDIV–TCKH)
Setup time, TDI/TMS/TRST valid before TCK high
10
ns
4
th(TCKH–TDIV)
Hold time, TDI/TMS/TRST valid after TCK high
9
ns
Switching Characteristics for JTAG Test Port
(see Figure 40)
NO.
PARAMETER
MIN
MAX
UNIT
2
td(TCKL–TDOV)
Delay time, TCK low to TDO valid
–3(1)
15(1)
ns
(1)
This parameter is not tested.
Figure 40. JTAG Test-Port Timing
56
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn