Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 53 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 53 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 49Page - Texas Instruments AD0345AS8500RF Datasheet HTML 50Page - Texas Instruments AD0345AS8500RF Datasheet HTML 51Page - Texas Instruments AD0345AS8500RF Datasheet HTML 52Page - Texas Instruments AD0345AS8500RF Datasheet HTML 53Page - Texas Instruments AD0345AS8500RF Datasheet HTML 54Page - Texas Instruments AD0345AS8500RF Datasheet HTML 55Page - Texas Instruments AD0345AS8500RF Datasheet HTML 56Page - Texas Instruments AD0345AS8500RF Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
5
4
3
8
7
6
2
1
CLKX
FSX
DX
DR
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Timing Requirements for MCBSP as SPI Master or Slave: CLKSTOP = 10b, CLKXP = 1
(1) (2)
(see Figure 35)
MASTER
SLAVE
NO.
UNIT
MIN
MAX
MIN
MAX
4
tsu(DRV–CKXH)
Setup time, DR valid before CLKX high
12
2 – 3P
ns
5
th(CKXH–DRV)
Hold time, DR valid after CLKX high
4
5 + 6P
ns
(1)
The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. P = 1/CPU clock
frequency in ns. For example, when running parts at 140 MHz, use P = 7 ns.
(2)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
Switching Characteristics for McBSP as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1
(1) (2)
(see Figure 35)
MASTER(3)
SLAVE
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
th(CKXH–FXL)
Hold time, FSX low after CLKX high(4)
T – 4
T + 4
ns
2
td(FXL–CKXL)
Delay time, FSX low to CLKX low(5)
H – 4
H + 4
ns
3
td(CKXL–DXV)
Delay time, CLKX low to DX valid
–4
4
3P + 1
5P + 17
ns
Disable time, DX high impedance following last
6
tdis(CKXH–DXHZ)
H – 2(6)
H + 3(6)
ns
data bit from CLKX high
Disable time, DX high impedance following last
7
tdis(FXH–DXHZ)
P + 4(6)
3P + 17(6)
ns
data bit from FSX high
8
td(FXL–DXV)
Delay time, FSX low to DX valid
2P + 1
4P + 13
ns
(1)
The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. P = 1/CPU clock
frequency in ns. For example, when running parts at 140 MHz, use P = 7 ns.
(2)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
(3)
S = sample rate generator input clock = P if CLKSM = 1 (P = 1/CPU clock frequency)
= sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
T = CLKX period = (1 + CLKGDV) * S
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
(4)
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on
FSX and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
(5)
FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master
clock (CLKX).
(6)
This parameter is not tested.
Figure 35. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1
Timing Requirements for McBSP as SPI Master or Slave: CLKSTOP = 11b, CLKXP = 1
(1) (2)
(see Figure 36)
(1)
The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. P = 1/CPU clock
frequency in ns. For example, when running parts at 140 MHz, use P = 7 ns.
(2)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn