Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 35 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 35 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 31Page - Texas Instruments AD0345AS8500RF Datasheet HTML 32Page - Texas Instruments AD0345AS8500RF Datasheet HTML 33Page - Texas Instruments AD0345AS8500RF Datasheet HTML 34Page - Texas Instruments AD0345AS8500RF Datasheet HTML 35Page - Texas Instruments AD0345AS8500RF Datasheet HTML 36Page - Texas Instruments AD0345AS8500RF Datasheet HTML 37Page - Texas Instruments AD0345AS8500RF Datasheet HTML 38Page - Texas Instruments AD0345AS8500RF Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
BE1
BE2
BE3
BE4
A1
A2
A3
A4
D1
D2
D3
D4
16
15
10
9
14
13
6
5
4
3
2
1
SSCLK
CEx
BE[3:0]
EA[21:2]
ED[31:0]
SSADS
SSOE
SSWE
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Figure 15. SBSRAM Write Timing (Full-Rate SSCLK)
Timing Requirements for Synchronous-Burst SRAM Cycles (Half-Rate SSCLK)
(seeFigure 16)
NO.
MIN
MAX
UNIT
7
tsu(EDV–SSCLKH)
Setup time, read EDx valid before SSCLK high
3.8
ns
8
th(SSCLKH–EDV)
Hold time, read EDx valid after SSCLK high
1.5
ns
Switching Characteristics for Synchronous-Burst SRAM Cycles
(1) (Half-Rate SSCLK)
(see Figure 16 and Figure 17)
NO.
PARAMETER
MIN
MAX
UNIT
1
tosu(CEV–SSCLKH)
Output setup time, CEx valid before SSCLK high
1.5P – 5.5
ns
2
toh(SSCLKH–CEV)
Output hold time, CEx valid after SSCLK high
0.5P – 2.3
ns
3
tosu(BEV–SSCLKH)
Output setup time, BEx valid before SSCLK high
1.5P – 5.5
ns
4
toh(SSCLKH–BEIV)
Output hold time, BEx invalid after SSCLK high
0.5P – 2.3
ns
5
tosu(EAV–SSCLKH)
Output setup time, EAx valid before SSCLK high
1.5P – 5.5
ns
6
toh(SSCLKH–EAIV)
Output hold time, EAx invalid after SSCLK high
0.5P – 2.3
ns
9
tosu(ADSV–SSCLKH)
Output setup time, SSADS valid before SSCLK high
1.5P – 5.5
ns
10
toh(SSCLKH–ADSV)
Output hold time, SSADS valid after SSCLK high
0.5P – 2.3
ns
11
tosu(OEV–SSCLKH)
Output setup time, SSOE valid before SSCLK high
1.5P – 5.5
ns
12
toh(SSCLKH–OEV)
Output hold time, SSOE valid after SSCLK high
0.5P – 2.3
ns
13
tosu(EDV–SSCLKH)
Output setup time, EDx valid before SSCLK high
1.5P – 5.5
ns
14
toh(SSCLKH–EDIV)
Output hold time, EDx invalid after SSCLK high
0.5P – 2.3
ns
15
tosu(WEV–SSCLKH)
Output setup time, SSWE valid before SSCLK high
1.5P – 5.5
ns
16
toh(SSCLKH–WEV)
Output hold time, SSWE valid after SSCLK high
0.5P – 2.3
ns
(1)
The effects of internal clock jitter are included at test. There is no need to adjust timing numbers for internal clock jitter. When the PLL is
used (CLKMODE x4), P = 1/CPU clock frequency in ns. For example, when running parts at 140 MHz, use P = 7 ns.
For CLKMODE x1:
1.5P = P + PH, where P = 1/CPU clock frequency, and PH = pulse duration of CLKIN high.
0.5P = PL, where PL = pulse duration of CLKIN low.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn