Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 29 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 25Page - Texas Instruments AD0345AS8500RF Datasheet HTML 26Page - Texas Instruments AD0345AS8500RF Datasheet HTML 27Page - Texas Instruments AD0345AS8500RF Datasheet HTML 28Page - Texas Instruments AD0345AS8500RF Datasheet HTML 29Page - Texas Instruments AD0345AS8500RF Datasheet HTML 30Page - Texas Instruments AD0345AS8500RF Datasheet HTML 31Page - Texas Instruments AD0345AS8500RF Datasheet HTML 32Page - Texas Instruments AD0345AS8500RF Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Vref = 1.5 V
Tester Pin
Electronics
Vref
IOL
CT = 30 pF(1)
IOH
Output
Under
Test
50
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
PARAMETER MEASUREMENT INFORMATION
(1)
Typical distributed load circuit capacitance.
Signal-Transition Levels
All input and output timing parameters are referenced to 1.5 V for both “0” and “1” logic levels.
Figure 7. Input and Output Voltage Reference Levels for AC Timing Measurements
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn