Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 28 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 28 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 24Page - Texas Instruments AD0345AS8500RF Datasheet HTML 25Page - Texas Instruments AD0345AS8500RF Datasheet HTML 26Page - Texas Instruments AD0345AS8500RF Datasheet HTML 27Page - Texas Instruments AD0345AS8500RF Datasheet HTML 28Page - Texas Instruments AD0345AS8500RF Datasheet HTML 29Page - Texas Instruments AD0345AS8500RF Datasheet HTML 30Page - Texas Instruments AD0345AS8500RF Datasheet HTML 31Page - Texas Instruments AD0345AS8500RF Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
Electrical Characteristics
over recommended ranges of supply voltage and operating case temperature (unless otherwise noted) (unchanged after 100
kRad)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DVDD = MIN, IOH = MAX
2.4
V
VOL
Low-level output voltage
DVDD = MIN, IOL = MAX
0.6
V
II
Input current(1)
VI = VSS to DVDD
±10
μA
IOZ
Off-state output current
VO = DVDD or 0 V
±10
μA
Supply current, CPU + CPU memory
IDD2V
CVDD = NOM, CPU clock = 150 MHz
470
mA
access(2)
IDD2V
Supply current, peripherals(3)
CVDD = NOM, CPU clock = 150 MHz
250
mA
IDD3V
Supply current, I/O pins(4)
DVDD = NOM, CPU clock = 150 MHz
85
mA
Ci
Input capacitance
15(5)
pF
Co
Output capacitance
15(5)
pF
(1)
TMS and TDI are not included due to internal pullups.
TRST is not included due to internal pulldown.
(2)
Measured with average CPU activity:
50% of time: 8 instructions per cycle, 32-bit DMEM access per cycle
50% of time: 2 instructions per cycle, 16-bit DMEM access per cycle
(3)
Measured with average peripheral activity:
50% of time: Timers at max rate, McBSPs at E1 rate, and DMA burst transfer between DMEM and SDRAM
50% of time: Timers at max rate, McBSPs at E1 rate, and DMA servicing McBSPs
(4)
Measured with average I/O activity (30-pF load, SDCLK on):
25% of time: Reads from external SDRAM
25% of time: Writes to external SDRAM
50% of time: No activity
(5)
This parameter is not tested.
28
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn