Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 27 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 23Page - Texas Instruments AD0345AS8500RF Datasheet HTML 24Page - Texas Instruments AD0345AS8500RF Datasheet HTML 25Page - Texas Instruments AD0345AS8500RF Datasheet HTML 26Page - Texas Instruments AD0345AS8500RF Datasheet HTML 27Page - Texas Instruments AD0345AS8500RF Datasheet HTML 28Page - Texas Instruments AD0345AS8500RF Datasheet HTML 29Page - Texas Instruments AD0345AS8500RF Datasheet HTML 30Page - Texas Instruments AD0345AS8500RF Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
CVDD
Supply voltage range(2)
–0.3
2.3
V
DVDD
Supply voltage range(2)
–0.3
4
V
Input voltage range
–0.3
4
V
Output voltage range
–0.3
4
V
S-suffix device
–40
90
TC
Operating case temperature range
°C
W-suffix device
–55
115
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
CVDD
Supply voltage
1.81
1.9
1.99
V
DVDD
Supply voltage
3.14
3.3
3.46
V
VSS
Supply ground
0
0
0
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
S-suffix device
–40
90
TC
Case temperature
°C
W-suffix device
–55
115
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn