Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD0345AS8500RF Fiches technique(PDF) 23 Page - Texas Instruments

No de pièce AD0345AS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF Fiches technique(HTML) 23 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 19Page - Texas Instruments AD0345AS8500RF Datasheet HTML 20Page - Texas Instruments AD0345AS8500RF Datasheet HTML 21Page - Texas Instruments AD0345AS8500RF Datasheet HTML 22Page - Texas Instruments AD0345AS8500RF Datasheet HTML 23Page - Texas Instruments AD0345AS8500RF Datasheet HTML 24Page - Texas Instruments AD0345AS8500RF Datasheet HTML 25Page - Texas Instruments AD0345AS8500RF Datasheet HTML 26Page - Texas Instruments AD0345AS8500RF Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
-SP
PREFIX
DEVICE SPEED RANGE
SMJ 320
C 6701
GLP
14
SMX= Experimental device
SMJ = MIL-PRF-38535, QML
SM = Commercial
processing
DEVICE FAMILY
320 = SMJ320 family
TECHNOLOGY
14 = 140 MHz
PACKAGE TYPE (1)
GLP = 429-pin ceramic BGA
C = CMOS
DEVICE
’6x DSP:
6201B
6203
6701
TEMPERATURE RANGE (DEFAULT: 0°C TO 90°C)
W
W = -55 °C to 115°C, extended temperature
RAD-TOLERANT CLASS V
ZMB = 429-pin ceramic LGA
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
(1)
BGA = Ball grid array
Figure 4. SMJ320 Device Nomenclature (Including SMJ320C6701-SP)
Documentation Support
Extensive documentation supports all SMJ320 family generations of devices from product announcement through
applications development. The types of documentation available include: data sheets, such as this document,
with design specifications; complete user’s reference guides for all devices; technical briefs; development-support
tools; and hardware and software applications. The following is a brief, descriptive list of support documentation
specific to the ’C6x devices:
The TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189) describes the
’C6000 CPU architecture, instruction set, pipeline, and associated interrupts.
The TMS320C6000 Peripherals Reference Guide (literature number SPRU190) describes the functionality of the
peripherals available on ’C6x devices, such as the external memory interface (EMIF), host-port interface (HPI),
multichannel buffered serial ports (McBSPs), direct-memory-access (DMA), enhanced direct-memory-access
(EDMA) controller, expansion bus (XB), clocking and phase-locked loop (PLL); and power-down modes. This
guide also includes information on internal data and program memories.
The TMS320C6000 Programmer’s Guide (literature number SPRU198) describes ways to optimize C and
assembly code for ’C6x devices and includes application program examples.
The TMS320C6x C Source Debugger User’s Guide (literature number SPRU188) describes how to invoke the
’C6x simulator and emulator versions of the C source debugger interface and discusses various aspects of the
debugger, including: command entry, code execution, data management, breakpoints, profiling, and analysis.
The TMS320C6x Peripheral Support Library Programmer’s Reference (literature number SPRU273) describes
the contents of the ’C6x peripheral support library of functions and macros. It lists functions and macros both by
header file and alphabetically, provides a complete description of each, and gives code examples to show how
they are used.
TMS320C6000 Assembly Language Tools User’s Guide (literature number SPRU186) describes the assembly
language tools (assembler, linker, and other tools used to develop assembly language code), assembler
directives, macros, common object file format, and symbolic debugging directives for the ’C6000 generation of
devices.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: SMJ320C6701-SP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn