Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM148JAN Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM148JAN
Description  Quad 741 Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM148JAN Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM148JAN Datasheet HTML 7Page - Texas Instruments LM148JAN Datasheet HTML 8Page - Texas Instruments LM148JAN Datasheet HTML 9Page - Texas Instruments LM148JAN Datasheet HTML 10Page - Texas Instruments LM148JAN Datasheet HTML 11Page - Texas Instruments LM148JAN Datasheet HTML 12Page - Texas Instruments LM148JAN Datasheet HTML 13Page - Texas Instruments LM148JAN Datasheet HTML 14Page - Texas Instruments LM148JAN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM148JAN
www.ti.com
SNOSAI2A – FEBRUARY 2005 – REVISED MARCH 2013
Typical Applications—LM148
fMAX = 5 kHz, THD ≤ 0.03%
R1 = 100k pot. C1 = 0.0047
μF, C2 = 0.01 μF, C3 = 0.1 μF, R2 = R6 = R7 = 1M,
R3 = 5.1k, R4 = 12
Ω, R5 = 240Ω, Q = NS5102, D1 = 1N914, D2 = 3.6V avalanche
diode (ex. LM103), VS = ±15V
A simpler version with some distortion degradation at high frequencies can be made by using A1 as a simple inverting
amplifier, and by putting back to back zeners in the feedback loop of A3.
Figure 20. One Decade Low Distortion Sinewave Generator
VS = ±15V
R = R2, trim R2 to boost CMRR
Figure 21. Low Cost Instrumentation Amplifier
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM148JAN


Numéro de pièce similaire - LM148JAN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
More results

Description similaire - LM148JAN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
logo
Texas Instruments
LM348-N TI-LM348-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com