Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL203CE1 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADXL203CE1
Description  Precision 짹1.7 g Single/Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL203CE1 Fiches technique(HTML) 1 Page - Analog Devices

  ADXL203CE1 Datasheet HTML 1Page - Analog Devices ADXL203CE1 Datasheet HTML 2Page - Analog Devices ADXL203CE1 Datasheet HTML 3Page - Analog Devices ADXL203CE1 Datasheet HTML 4Page - Analog Devices ADXL203CE1 Datasheet HTML 5Page - Analog Devices ADXL203CE1 Datasheet HTML 6Page - Analog Devices ADXL203CE1 Datasheet HTML 7Page - Analog Devices ADXL203CE1 Datasheet HTML 8Page - Analog Devices ADXL203CE1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Precision ±1.7 g
Single/Dual Axis Accelerometer
ADXL103/ADXL203
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High performance, single/dual axis accelerometer on a
single IC chip
5 mm × 5 mm × 2 mm LCC package
1 mg resolution at 60 Hz
Low power: 700 µA at VS = 5 V (typical)
High zero g bias stability
High sensitivity accuracy
–40°C to +125°C temperature range
X and Y axes aligned to within 0.1° (typical)
BW adjustment with a single capacitor
Single-supply operation
3500 g shock survival
APPLICATIONS
Vehicle Dynamic Control (VDC)/Electronic Stability Program
(ESP) systems
Electronic chassis control
Electronic braking
Platform stabilization/leveling
Navigation
Alarms and motion detectors.
High accuracy, 2-axis tilt sensing
GENERAL DESCRIPTION
The ADXL103/ADXL203 are high precision, low power,
complete single and dual axis accelerometers with signal
conditioned voltage outputs, all on a single monolithic IC. The
ADXL103/ADXL203 measures acceleration with a full-scale
range of ±1.7 g . The ADXL103/ADXL203 can measure both
dynamic acceleration (e.g., vibration) and static acceleration
(e.g., gravity).
The typical noise floor is 110 μg/√Hz, allowing signals below
1 mg (0.06° of inclination) to be resolved in tilt sensing
applications using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XOUT and YOUT pins. Bandwidths of
0.5 Hz to 2.5 kHz may be selected to suit the application.
The ADXL103 and ADXL203 are available in 5 mm × 5 mm ×
2 mm, 8-pad hermetic LCC packages.
FUNCTIONAL BLOCK DIAGRAM
ADXL103
SENSOR
+5V
OUTPUT
AMP
COM
ST
XOUT
VS
CDC
CX
RFILT
32k
DEMOD
AC
AMP
ADXL203
SENSOR
+5V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
YOUT
VS
CDC
CY
RFILT
32k
DEMOD
XOUT
CX
RFILT
32k
AC
AMP
Figure 1. ADXL103/ADXL203 Functional Block Diagram


Numéro de pièce similaire - ADXL203CE1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL203CE AD-ADXL203CE Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADXL203CE-REEL AD-ADXL203CE-REEL Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results

Description similaire - ADXL203CE1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
   Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com