Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP11RB150UL2 Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce DLP11RB150UL2
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP11RB150UL2 Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DLP11RB150UL2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLP11RB150UL2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLP11RB150UL2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
DLP11RB150UL2#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
1210
Size Code (in inch)
0504
Length
1.25mm
Length Tolerance
±0.1mm
Width
1.0mm
Width Tolerance
±0.1mm
Thickness
0.5mm
Thickness Tolerance
±0.1mm
Common Mode Impedance (at
100MHz)
15Ω
Common Mode Impedance (at
100MHz) Tolerance
±5Ω
Rated Current
100.0mA
Rated Voltage
5Vdc
Withstanding Voltage
12.5Vdc
DC Resistance(max.)
1.0Ω
DC Resistance
0.8Ω±25%
Insulation Resistance(min.)
100MΩ
Operating Temperature Range
-
40
to
85
Mass(typ.)
0.002g
Number of Circuit
1
Operating Temperature Range(Self-
temperature rise is included)
No
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/03


Numéro de pièce similaire - DLP11RB150UL2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLP11RB150UL2 MURATA1-DLP11RB150UL2 Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB150UL2B MURATA1-DLP11RB150UL2B Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB150UL2B MURATA1-DLP11RB150UL2B Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
DLP11RB150UL2L MURATA1-DLP11RB150UL2L Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB150UL2L MURATA1-DLP11RB150UL2L Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
More results

Description similaire - DLP11RB150UL2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com