Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM109 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM109
Description  5-Volt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM109 Fiches technique(HTML) 3 Page - Texas Instruments

  LM109 Datasheet HTML 1Page - Texas Instruments LM109 Datasheet HTML 2Page - Texas Instruments LM109 Datasheet HTML 3Page - Texas Instruments LM109 Datasheet HTML 4Page - Texas Instruments LM109 Datasheet HTML 5Page - Texas Instruments LM109 Datasheet HTML 6Page - Texas Instruments LM109 Datasheet HTML 7Page - Texas Instruments LM109 Datasheet HTML 8Page - Texas Instruments LM109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
35V
Power Dissipation
Internally Limited
Operating Junction Temperature Range
LM109
−55˚C to +150˚C
LM309
0˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
300˚C
Electrical Characteristics (Note 2)
Parameter
Conditions
LM109
LM309
Units
Min
Typ
Max
Min
Typ
Max
Output Voltage
T
j = 25˚C
4.7
5.05
5.3
4.8
5.05
5.2
V
Line Regulation
T
j = 25˚C
4.0
50
4.0
50
mV
7.10V
≤ V
IN ≤ 25V
Load Regulation
T
j = 25˚C
TO-39 Package
5 mA
≤ I
OUT ≤ 0.5A
15
50
15
50
mV
TO-3 Package
5 mA
≤ I
OUT ≤ 1.5A
15
100
15
100
mV
Output Voltage
7.40V
≤ V
IN ≤ 25V,
4.6
5.4
4.75
5.25
V
5mA
≤ I
OUT ≤ IMAX,
P < P
MAX
Quiescent Current
7.40V
≤ V
IN ≤ 25V
5.2
10
5.2
10
mA
Quiescent Current Change
7.40V
≤ V
IN ≤ 25V
0.5
0.5
mA
5mA
≤ I
OUT ≤ IMAX
0.8
0.8
mA
Output Noise Voltage
T
A = 25˚C
40
40
µV
10 Hz
≤ f ≤ 100 kHz
Long Term Stability
10
20
mV
Ripple Rejection
T
j = 25˚C
50
50
dB
Thermal Resistance,
(Note 3)
Junction to Case
TO-39 Package
15
15
˚C/W
TO-3 Package
2.5
2.5
˚C/W
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise specified, these specifications apply −55˚C
≤ Tj ≤ +150˚C for the LM109 and 0˚C ≤ Tj ≤ +125˚C for the LM309; VIN = 10V; and IOUT =
0.1A for the TO-39 package or IOUT = 0.5A for the TO-3 package. For the TO-39 package, IMAX = 0.2A and PMAX = 2.0W. For the TO-3 package, IMAX = 1.0A and
PMAX = 20W.
Note 3: Without a heat sink, the thermal resistance of the TO-39 package is about 150˚C/W, while that of the TO-3 package is approximately 35˚C/W. With a heat
sink, the effective thermal resistance can only approach the values specified, depending on the efficiency of the sink.
Note 4: Refer to RETS109H drawing for LM109H or RETS109K drawing for LM109K military specifications.
Connection Diagrams
Metal Can Packages
DS007138-33
Order Number LM109H, LM109H/883 or LM309H
See NS Package Number H03A
DS007138-34
Order Number LM109K STEEL or
LM309K STEEL
See NS Package Number K02A
Order Number LM109K/883
See NS Package Number K02C
www.national.com
2


Numéro de pièce similaire - LM109

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Shenzhen TOPWAY Technol...
LM1095ECW TOPWAY-LM1095ECW Datasheet
2Mb / 11P
   LCD Module User Manual
LM1095ECW-1 TOPWAY-LM1095ECW-1 Datasheet
1Mb / 11P
   LCD Module User Manual
LM1095EFC TOPWAY-LM1095EFC Datasheet
557Kb / 11P
   LCD Module User Manual
LM1095N-1 TOPWAY-LM1095N-1 Datasheet
154Kb / 9P
   LCD Module User Manual
More results

Description similaire - LM109

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109JAN TI-LM109JAN_15 Datasheet
294Kb / 13P
[Old version datasheet]   LM109JAN 5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com