Moteur de recherche de fiches techniques de composants électroniques |
|
LM108AJAN-SP Fiches technique(PDF) 3 Page - Texas Instruments |
|
LM108AJAN-SP Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 13 page OBSOLETE LM108AJAN www.ti.com SNOSAJ6C – FEBRUARY 2005 – REVISED APRIL 2013 Compensation Circuits Standard Compensation Circuit Alternate Frequency Compensation **Bandwidth and slew rate are proportional to 1/CS Improves rejection of power supply noise by a factor of ten. CO = 30 pF **Bandwidth and slew rate are proportional to 1/Cf Feedforward Compensation These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM108AJAN |
Numéro de pièce similaire - LM108AJAN-SP |
|
Description similaire - LM108AJAN-SP |