Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM108AJAN Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM108AJAN
Description  Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM108AJAN Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM108AJAN Datasheet HTML 2Page - Texas Instruments LM108AJAN Datasheet HTML 3Page - Texas Instruments LM108AJAN Datasheet HTML 4Page - Texas Instruments LM108AJAN Datasheet HTML 5Page - Texas Instruments LM108AJAN Datasheet HTML 6Page - Texas Instruments LM108AJAN Datasheet HTML 7Page - Texas Instruments LM108AJAN Datasheet HTML 8Page - Texas Instruments LM108AJAN Datasheet HTML 9Page - Texas Instruments LM108AJAN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
OBSOLETE
LM108AJAN
SNOSAJ6C – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
LM108A Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
+VCC = +20V, −VCC = −20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
±IIB
-0.1
2
nA
1
+VCC = 35V, -VCC = -5V,
-1
2
nA
2
VCM = -15V
-0.1
3
nA
3
-0.1
2
nA
1
+VCC = 5V, -VCC = -35V,
-1
2
nA
2
VCM = 15V
-0.1
3
nA
3
Input Bias Current
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
-0.1
2
nA
1
+VCC = +5V, -VCC = -5V
-1
2
nA
2
-0.1
3
nA
3
+PSRR
Power Supply Rejection Ratio
+VCC = 10V, -VCC = -20V
-16
16
µV/V
1, 2, 3
-PSRR
Power Supply Rejection Ratio
+VCC = 20V, -VCC = -10V
-16
16
µV/V
1, 2, 3
CMRR
Common Mode Rejection Ratio
VCM = ±15V
96
dB
1, 2, 3
+IOS
+VCC = +15V, -VCC = -15V,
Short Circuit Current
-20
mA
1, 2, 3
t
≤ 25mS
−IOS
+VCC = +15V, -VCC = -15V,
Short Circuit Current
20
mA
1, 2, 3
t
≤ 25mS
ICC
0.6
mA
1, 2
Power Supply Current
+VCC = +15V, -VCC = -15V
0.8
mA
3
+VOP
Output Voltage Swing
RL = 10KΩ
16
V
4, 5, 6
−VOP
Output Voltage Swing
RL = 10KΩ
-16
V
4, 5, 6
+AVS
See(2)
80
V/mV
4
Open Loop Voltage Gain
RL = 10KΩ, VO = +15V
See(2)
40
V/mV
5, 6
−AVS
See(2)
80
V/mV
4
Open Loop Voltage Gain
RL = 10KΩ, VO = -15V
See(2)
40
V/mV
5, 6
AVS
Open Loop Voltage Gain
+VCC = ±5V, RL = 10KΩ, VO = ±2V
See(2)
20
V/mV
4, 5, 6
(2)
Datalog reading in K = V/mV
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM108AJAN


Numéro de pièce similaire - LM108AJAN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM108AJAN TI1-LM108AJAN Datasheet
749Kb / 18P
[Old version datasheet]   LM108AJAN Operational Amplifiers
More results

Description similaire - LM108AJAN

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com