Moteur de recherche de fiches techniques de composants électroniques |
|
LM108AJAN Fiches technique(PDF) 5 Page - Texas Instruments |
|
LM108AJAN Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 13 page OBSOLETE LM108AJAN www.ti.com SNOSAJ6C – FEBRUARY 2005 – REVISED APRIL 2013 Table 1. Quality Conformance InspectionMil-Std-883, Method 5005 - Group A Subgroup Description Temp (°C) 1 Static tests at +25°C 2 Static tests at +125°C 3 Static tests at −55°C 4 Dynamic tests at +25°C 5 Dynamic tests at +125°C 6 Dynamic tests at −55°C 7 Functional tests at +25°C 8A Functional tests at +125°C 8B Functional tests at −55°C 9 Switching tests at +25°C 10 Switching tests at +125°C 11 Switching tests at −55°C LM108A Electrical Characteristics DC Parameters The following conditions apply to all the following parameters, unless otherwise specified. DC: +VCC = +20V, −VCC = −20V, VCM = 0V, RS = 50Ω Sub- Symbol Parameter Conditions Notes Min Max Units groups VIO -0.5 0.5 mV 1 +VCC = 35V, -VCC = -5V, VCM = -15V -1 1 mV 2, 3 -0.5 0.5 mV 1 +VCC = 5V, -VCC = -35V, VCM = 15V -1 1 mV 2, 3 Input Offset Voltage -0.5 0.5 mV 1 -1 1 mV 2, 3 -0.5 0.5 mV 1 +VCC = +5V, -VCC = -5V -1 1 mV 2, 3 Delta VIO / 25°C ≤ TA ≤ +125°C See(1) -5 5 µV/°C 2 Temperature Coeffient of Input Delta T Offset Voltage 25°C ≤ TA ≤ -55°C See(1) -5 5 µV/°C 3 IIO -0.2 0.2 nA 1 +VCC = 35V, -VCC = -5V, VCM = -15V -0.4 0.4 nA 2, 3 -0.2 0.2 nA 1 +VCC = 5V, -VCC = -35V, VCM = 15V -0.4 0.4 nA 2, 3 Input Offset Current -0.2 0.2 nA 1 -0.4 0.4 nA 2, 3 -0.2 0.2 nA 1 +VCC = +5V, -VCC = -5V -0.4 0.4 nA 2, 3 Delta IIO / 25°C ≤ TA ≤ +125°C See(1) -2.5 2.5 pA/°C 2 Temperature Coeffient of Input Delta T Offset Current 25°C ≤ TA ≤ -55°C See(1) -2.5 2.5 pA/°C 3 (1) Calculated parameter Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM108AJAN |
Numéro de pièce similaire - LM108AJAN |
|
Description similaire - LM108AJAN |