Moteur de recherche de fiches techniques de composants électroniques |
|
LM108AJAN Fiches technique(PDF) 4 Page - Texas Instruments |
|
LM108AJAN Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 13 page OBSOLETE LM108AJAN SNOSAJ6C – FEBRUARY 2005 – REVISED APRIL 2013 www.ti.com Absolute Maximum Ratings (1) Supply Voltage ±22V TO-99 Metal Can 8LD 330mW @ +125°C CDIP 14LD 400mW @ +125°C Power Dissipation(2) CDIP 8LD 400mW @ +125°C CLGA 10LD 330mW @ +125°C Ceramic SOIC 10LD 330mW @ +125°C Differential Input Current(3) ±10 mA Differential Input Voltage(4) ±30V Input Voltage(5) ±20V Output Short-Circuit Duration Continuous Operating Temperature Range −55°C ≤TA≤ +125°C Storage Temperature Range −65°C ≤TA≤ +150°C TO-99 Metal Can 8LD Still Air 150°C/W 500LF / Min Air Flow 86°C/W CDIP 14LD Still Air 94°C/W 500LF / Min Air Flow 55°C/W CDIP 8LD Still Air 120°C/W θJA 500LF / Min Air Flow 68°C/W CPACK 10LD Still Air 225°C/W 500LF / Min Air Flow 142°C/W Thermal Resistance Ceramic SOIC 10LD Still Air 225°C/W 500LF / Min Air Flow 142°C/W TO-99 Metal Can 8LD 38°C/W CDIP 14LD 13°C/W θJC CDIP 8LD 17°C/W CLGA 10LD 21°C/W Ceramic SOIC 10LD 21°C/W TO-99 Metal Can 8LD 990mg CDIP 14LD 2,180mg Package Weight (typical) CDIP 8LD 1,090mg CLGA 10LD 225mg Ceramic SOIC 10LD 210mg Maximum Junction Teperature 175°C Lead Temperature (Soldering, 10 sec) 300°C ESD Tolerance(6) 2000V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJmax - TA) /θJA or the number given in the Absolute Maximum Ratings, whichever is lower. (3) The inputs are shunted with back-to-back diodes for over voltage protection. Therefore, excessive current will flow if a differential input voltage in excess of 1V is applied between the inputs unless some limiting resistance is used. (4) This rating is ±1.0V unless resistances of 2K Ω or greater are inserted in series with the inputs to limit current in the input shunt diodes to the maximum allowable value. (5) For supply voltages less than ±20V, the absolute maximum input voltage is equal to the supply voltage. (6) Human body model, 1.5 k Ω in series with 100 pF. 4 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM108AJAN |
Numéro de pièce similaire - LM108AJAN_13 |
|
Description similaire - LM108AJAN_13 |