Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF198QML Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LF198QML
Description  Monolithic Sample-and-Hold Circuits
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LF198QML Fiches technique(HTML) 4 Page - Texas Instruments

  LF198QML Datasheet HTML 1Page - Texas Instruments LF198QML Datasheet HTML 2Page - Texas Instruments LF198QML Datasheet HTML 3Page - Texas Instruments LF198QML Datasheet HTML 4Page - Texas Instruments LF198QML Datasheet HTML 5Page - Texas Instruments LF198QML Datasheet HTML 6Page - Texas Instruments LF198QML Datasheet HTML 7Page - Texas Instruments LF198QML Datasheet HTML 8Page - Texas Instruments LF198QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LF198QML
SNOSAH9A – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
The following specifications apply unless otherwise specified.
VCC = ±15V, RL = 10KΩ, VIN = 0V, CHOLD = 0.01 μF, Logic Reference Pin = 0V, Logic Pin = 4V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
ICC+
Positive Supply Current
5.5
mA
1, 2
+VCC = 15V, -VCC = -15V
6.5
mA
3
5.5
mA
1, 2
+VCC = 18V, -VCC = -18V, Mode =
"Sample"
6.5
mA
3
5.5
mA
1, 2
+VCC = 18V, -VCC = -18V, Mode =
"Hold"
6.5
mA
3
ICC-
Negative Supply Current
-5.5
mA
1, 2
+VCC = 15V, -VCC = -15V
-6.5
mA
3
-5.5
mA
1, 2
+VCC = 18V, -VCC = -18V, Mode =
"Sample"
-6.5
mA
3
-5.5
mA
1, 2
+VCC = 18V, -VCC = -18V, Mode =
"Hold"
-6.5
mA
3
VOS
Input Offset Voltage
-3.0
3.0
mV
1
+VCC = 3V, -VCC = -7V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 15V, -VCC = -15V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 3.5V, -VCC = -26.5V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 18V, -VCC = -18V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 3.5V, -VCC = -32.5V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 26.5V, -VCC = -3.5V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 32.5V, -VCC = -3.5V, Logic
= 2.5V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 7V, -VCC = -3V
-5.0
5.0
mV
2, 3
IIB
Input Bias Current
-25
25
nA
1
+VCC = 3V, -VCC = -7V
-75
75
nA
2, 3
-25
25
nA
1
+VCC = 15V, -VCC = -15V
-75
75
nA
2, 3
-25
25
nA
1
+VCC = 3.5V, -VCC = -32.5V
-75
75
nA
2, 3
-25
25
nA
1
+VCC = 32.5V, -VCC = -3.5V
-75
75
nA
2, 3
-25
25
nA
1
+VCC = 7V, -VCC = -3V
-75
75
nA
2, 3
ILeak(Cap)
Leakage Current into Hold
+VCC = 3V, -VCC = -7V
See (1)
-100
100
pA
1
Capacitor
+VCC = 3.5V, -VCC = -32.5V
-100
100
pA
1
+VCC = 32.5V, -VCC = -3.5V
See (1)
-100
100
pA
1
+VCC = 7V, -VCC = -3V
-100
100
pA
1
(1)
Leakage current is measured at a junction temperature of 25°C. The effects of junction temperature rise due to power dissipation or
elevated ambient can be calculated by doubling the 25°C value for each 11°C increase in chip temperature. Leakage is specified over
full input signal range.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LF198QML


Numéro de pièce similaire - LF198QML

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
More results

Description similaire - LF198QML

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com