Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51225B Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51225B
Description  Dual Synchronous, Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225B Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS51225B Datasheet HTML 5Page - Texas Instruments TPS51225B Datasheet HTML 6Page - Texas Instruments TPS51225B Datasheet HTML 7Page - Texas Instruments TPS51225B Datasheet HTML 8Page - Texas Instruments TPS51225B Datasheet HTML 9Page - Texas Instruments TPS51225B Datasheet HTML 10Page - Texas Instruments TPS51225B Datasheet HTML 11Page - Texas Instruments TPS51225B Datasheet HTML 12Page - Texas Instruments TPS51225B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DCHG
SW
TPS51225
TPS51225B
TPS51225C
NOC
ZC
XCON
VO_OK
DRVL
PWM
Control Logic
UDG-12007
+
+
VREF +15%
+
+
SKIP
UV
OV
VREF –40%
+
VIN
GND
REF
One-Shot
Discharge
10 µA
VBST
DRVH
FAULT
PGOOD
CS
+
VFB
OC
+
+
SS Ramp Comp
VREF +5%/10%
VREF –5%/10%
+
+
EN
VDD
HS
LS
VDRV
PGND
PGOOD
TPS51225, TPS51225B, TPS51225C
www.ti.com
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
SWITCHER CONTROLLER BLOCK DIAGRAM
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPS51225 TPS51225B TPS51225C


Numéro de pièce similaire - TPS51225B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51225B TI1-TPS51225B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225B TI1-TPS51225B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225BRUKR TI1-TPS51225BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225BRUKR TI1-TPS51225BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225BRUKT TI1-TPS51225BRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Description similaire - TPS51225B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com