Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51216RUKR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51216RUKR
Description  Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216RUKR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS51216RUKR Datasheet HTML 7Page - Texas Instruments TPS51216RUKR Datasheet HTML 8Page - Texas Instruments TPS51216RUKR Datasheet HTML 9Page - Texas Instruments TPS51216RUKR Datasheet HTML 10Page - Texas Instruments TPS51216RUKR Datasheet HTML 11Page - Texas Instruments TPS51216RUKR Datasheet HTML 12Page - Texas Instruments TPS51216RUKR Datasheet HTML 13Page - Texas Instruments TPS51216RUKR Datasheet HTML 14Page - Texas Instruments TPS51216RUKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0.710
0.720
0.730
0.740
0.750
0.760
0.770
0.780
0.790
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
VTT Current (V)
VVDDQ = 1.5 V
0.635
0.645
0.655
0.665
0.675
0.685
0.695
0.705
0.715
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
VTT Current (V)
VVDDQ = 1.35 V
0.650
0.655
0.660
0.665
0.670
0.675
0.680
0.685
0.690
0.695
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.35 V
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.2 V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
6
8
10
12
14
16
18
20
22
Input Voltage (V)
IVDDQ = 0 A
IVDDQ = 20 A
RMODE = 200 kΩ
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.5 V
TPS51216
www.ti.com
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
Figure 13. Line Regulation
Figure 14. VTTREF Load Regulation
Figure 15. VTTREF Load Regulation
Figure 16. VTTREF Load Regulation
Figure 17. VTT Load Regulation
Figure 18. VTT Load Regulation
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPS51216


Numéro de pièce similaire - TPS51216RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51216RUKR TI1-TPS51216RUKR Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
More results

Description similaire - TPS51216RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com