Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC1004 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce FDC1004
Description  4-Channel Capacitance-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004 Fiches technique(HTML) 1 Page - Texas Instruments

  FDC1004 Datasheet HTML 1Page - Texas Instruments FDC1004 Datasheet HTML 2Page - Texas Instruments FDC1004 Datasheet HTML 3Page - Texas Instruments FDC1004 Datasheet HTML 4Page - Texas Instruments FDC1004 Datasheet HTML 5Page - Texas Instruments FDC1004 Datasheet HTML 6Page - Texas Instruments FDC1004 Datasheet HTML 7Page - Texas Instruments FDC1004 Datasheet HTML 8Page - Texas Instruments FDC1004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
3.3 V
3.3 V
3.3 V
3.3 V
I2C
Peripheral
MCU
GND
VDD
ENVIRONMENTAL
SENSOR
LIQUID
SENSOR
LEVEL
SENSOR
OFFSET
& GAIN
CALIBRATION
EXCITATION
FDC1004
CAPACITANCE
TO DIGITAL
CONVERTER
CHA
MUX
CHB
MUX
CAPDAC
SHLD1
SHLD2
CIN1
CIN2
CIN3
CIN4
I
2C
CONFIGURATION & DATA
REGISTERS
SCL
SDA
GND
VDD
CHA
CHB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
FDC1004
SNOSCY5B – AUGUST 2014 – REVISED APRIL 2015
FDC1004 4-Channel Capacitance-to-Digital Converter for Capacitive Sensing Solutions
1 Features
3 Description
Capacitive sensing with grounded capacitor sensors
1
Input Range: ±15 pF
is a very low-power, low-cost, high-resolution contact-
Measurement Resolution: 0.5 fF
less sensing technique that can be applied to a
Maximum Offset Capacitance: 100 pF
variety of applications ranging from proximity sensing
and gesture recognition to material analysis and
Programmable Output Rates: 100/200/400 S/s
remote
liquid
level
sensing.
The
sensor
in
a
Maximum Shield Load: 400 pF
capacitive sensing system is any metal or conductor,
Supply Voltage: 3.3 V
allowing for low cost and highly flexible system
design.
Temp Range: –40° to 125°C
Current Consumption:
The
FDC1004
is
a
high-resolution,
4-channel
capacitance-to-digital
converter
for
implementing
Active: 750 µA
capacitive sensing solutions. Each channel has a full
Standby: 29 µA
scale range of ±15 pF and can handle a sensor offset
Interface: I2C
capacitance of up to 100 pF, which can be either
Number of Channels: 4
programmed
internally
or
can
be
an
external
capacitor for tracking environmental changes over
time and temperature. The large offset capacitance
2 Applications
capability allows for the use of remote sensors.
Proximity Sensor
The FDC1004 also includes shield drivers for sensor
Gesture Recognition
shields, which can reduce EMI interference and help
Automotive Door / Kick Sensors
focus the sensing direction of a capacitive sensor.
Automotive Rain Sensor
The small footprint of the FDC1004 allows for use in
space-constrained applications. The FDC1004 is
Remote and Direct Liquid Level Sensor
available in a 10-pin WSON and VSSOP package
High-resolution Metal Profiling
and features an I2C interface for interfacing to an
Rain / Fog / Ice / Snow Sensor
MCU.
Material Size Detection
Device Information(1)
Material Stack Height
PART NUMBER
PACKAGE
BODY SIZE (NOM)
WSON (DSC)
3.0 mm x 3.0 mm
FDC1004
VSSOP (DGS)
3.0 mm x 3.0 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - FDC1004

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC1004-Q1 TI1-FDC1004-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004QDGSRQ1 TI1-FDC1004QDGSRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004QDGSTQ1 TI1-FDC1004QDGSTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

Description similaire - FDC1004

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com