Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD88539NDT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD88539NDT
Description  Dual 60 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD88539NDT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CSD88539NDT Datasheet HTML 3Page - Texas Instruments CSD88539NDT Datasheet HTML 4Page - Texas Instruments CSD88539NDT Datasheet HTML 5Page - Texas Instruments CSD88539NDT Datasheet HTML 6Page - Texas Instruments CSD88539NDT Datasheet HTML 7Page - Texas Instruments CSD88539NDT Datasheet HTML 8Page - Texas Instruments CSD88539NDT Datasheet HTML 9Page - Texas Instruments CSD88539NDT Datasheet HTML 10Page - Texas Instruments CSD88539NDT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CSD88539ND
www.ti.com
SLPS456 – FEBRUARY 2014
5.2 Recommended PCB Pattern and Stencil Opening
1. All linear dimensions are in millimeters.
2. This drawing is subject to change without notice.
3. Publication IPC-7351 is recommended for alternate designs.
4. Laser cutting apertures with trapezoidal walls and also rounding corners will offer better paste release.
Customers should contact their board assembly site for stencil design recommendations. Refer to IPC-7525
for other stencil recommendations.
5. Customers should contact their board fabrication site for solder mask tolerances between and around signal
pads.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CSD88539ND


Numéro de pièce similaire - CSD88539NDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD88539NDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com