Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD29GBA Fiches technique(PDF) 1 Page - Jianghai Europe GmbH

No de pièce CD29GBA
Description  10000h at 125C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD29GBA Fiches technique(HTML) 1 Page - Jianghai Europe GmbH

  CD29GBA Datasheet HTML 1Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 2Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 3Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 4Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 5Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 6Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 7Page - Jianghai Europe GmbH CD29GBA Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
64
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
10 000h at 125°C
· Longest Useful Life at 125°C
· High Reliability
CD 29G BA Series
item
Characteristics
operating Temperature range (°C)
-40 ~ +125
Voltage range (V)
25 ~ 63
Capacitance range (µF)
1000 ~ 18000
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 1,5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
25
35
50
63
Tan δ (max)
0,20
0,15
0,10
0,10
Vibration
Vibration Design possible
Frequency
50/60Hz 120Hz
300Hz
1kHz
≥10kHz
Coefficient
0,56
0,7
0,83
0,92
1,00
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 125°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
60
70
80
90
100
110
120
130
CD
29G BASeries
TA (˚C)
IA
–––
IR
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
Multiplier for Ripple Current
Frequency Coefficient
Multiplier for Lifetime
Lifetime Diagram
CD 29H QH
CD 296 KC
highest
current
CD 297 BB
longest life
higher current
CD 299 PG
longer
life
CD 294 BW
longer
life
CD 892 ZL
miniaturized
CD 29G BA
125°C
useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
10000h
≥100000h
5000h
5000h
1000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacitance Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 20% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value Not more than 200% of
specified value
Not more than 200% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
outlier Percentage
U
R
I
R
125°C
≤ 1%
U
R
1,4 x I
R
80°C
≤ 1%
U
R
I
R
125°C
0%
U
R
I
R = 0
125°C
IEC 60384
U
R = 0
I
R = 0
125°C
0%
After test:
U
R to be applied
for 30min
>24h before
measurement


Numéro de pièce similaire - CD29GBA

FabricantNo de pièceFiches techniqueDescription
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

Description similaire - CD29GBA

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
WT MERITEK-WT Datasheet
907Kb / 6P
   High reliability withstanding 2000 hours load life at 125C.
logo
Rohm
BR25HXXX-WC ROHM-BR25HXXX-WC Datasheet
497Kb / 20P
   125C Operating tempter
logo
Seiko Instruments Inc
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
logo
United Chemi-Con, Inc.
EMVH500ARA101MKE0S CHEMI-CON-EMVH500ARA101MKE0S Datasheet
66Kb / 2P
   High heat resistance, 125C
logo
Seiko Instruments Inc
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
logo
Kemet Corporation
A700X227M004ATE015 KEMET-A700X227M004ATE015_17 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 220 uF, 20%, 4 V, -55/125C
A700D157M006ATE010 KEMET-A700D157M006ATE010 Datasheet
79Kb / 1P
   Polymer Aluminum, 125C, A700, 150 uF, 20%, 6.3 V, -55/125C
A700D226M016ATE030 KEMET-A700D226M016ATE030 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 22 uF, 20%, 16 V, -55/125C
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com