Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD13HBH Datasheet(Fiches technique) 2 Page - Jianghai Europe GmbH

Numéro de pièce CD13HBH
Description  4000h at 85C
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD13HBH Datasheet(HTML) 2 Page - Jianghai Europe GmbH

  CD13HBH Datenblatt HTML 1Page - Jianghai Europe GmbH CD13HBH Datasheet HTML 2Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 3Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 4Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 5Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 6Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
102
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 13H BH Series
Ratings for CD
13H BH Series
Customer specific products and adaptions on request.
u
r.DC
(Surge Voltage)
Code
rated
Capacitance
Max ESr
20°C, 120Hz
Typ ESr
20°C, 120Hz
Max
ripple Current
85°C, 120Hz
Size
Ø D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
600
(650)
2S
1200
242
121
7,7
64 x 96
1300
224
112
9,2
64 x 103
1500
224
112
9,3
64 x 115
1800
194
97
10,1
77 x 96
2200
162
81
12,0
77 x 115
2700
132
66
12,1
77 x 130
3000
98
49
15,6
77 x 155
3300
88
44
16,4
77 x 155
88
44
16,4
90 x 131
88
44
17,1
77 x 171
3900
74
37
19,7
77 x 195
4700
62
31
21,0
90 x 157
630
(680)
J2
1000
300
150
6,0
64 x 130
1200
266
133
6,7
77 x 115
1500
212
106
8,1
77 x 130
1800
176
88
9,8
77 x 155
2200
144
72
10,7
90 x 131
2700
128
64
12,8
90 x 157
3300
106
53
14,7
90 x 171
3900
94
47
17,9
90 x 196
4700
78
39
21,6
101 x 220
5600
70
35
24,9
101 x 250


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn