Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD13HBH Datasheet(Fiches technique) 1 Page - Jianghai Europe GmbH

Numéro de pièce CD13HBH
Description  4000h at 85C
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD13HBH Datasheet(HTML) 1 Page - Jianghai Europe GmbH

  CD13HBH Datasheet HTML 1Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 2Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 3Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 4Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 5Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 6Page - Jianghai Europe GmbH CD13HBH Datenblatt HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
101
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 13H BH Series
4000h at 85°C
· Extreme High Voltage
· High Ripple Current
· Power Supplies & Inverters
useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
4000h
>65000h
2000h
2000h
1000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacitance Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 10% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value Not more than 200% of
specified value
Not more than 130% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
outlier Percentage
U
R
I
R
85°C
≤ 1%
U
R
1,2 x I
R
40°C
≤ 1%
U
R
I
R
85°C
0%
U
R
I
R = 0
85°C
IEC 60384
U
R = 0
I
R = 0
85°C
0%
After test:
U
R to be applied
for 30min
>24h before
measurement
item
Characteristics
operating Temperature range (°C)
-25 ~ +85
Voltage range (V)
600, 630
Capacitance range (µF)
1000 ~ 5600
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
600
630
Tan δ (max)
0,25
0,3
Frequency
50/60Hz 120Hz
300Hz
1kHz
≥10kHz
Coefficient
0,8
1,00
1,18
1,30
1,40
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
45
55
65
75
85
95
CD
13HBHSeries
TA (˚C)
IA
–––
IR
2.0
1.5
1.0
0.5
0.0
Lifetime
Multiplier
X16
X8
X4
X2
X1
Multiplier for Ripple Current
Frequency Coefficient
Multiplier for Lifetime
Lifetime Diagram
CD 139 BL
CD 138 PC
longer
life
CD 135 BP
CD 137 PX
high
voltage
CD 136 PK
105°C
longer
life
105°C
CD 13H BH
>600V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn