Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLW44SN101SK2 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce DLW44SN101SK2
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW44SN101SK2 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW44SN101SK2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW44SN101SK2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW44SN101SK2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLW44SN101SK2#
“#” indicates a package specification code.
< List of part numbers with package codes >
DLW44SN101SK2K DLW44SN101SK2L DLW44SN101SK2B
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
100
K
330mm Embossed Tape
3500
L
180mm Embossed Tape
1000
Features
Features
1. Low profile(h=1.5mm max.)
2. Small size(4.0 x 4.0mm)
3. High rated current available(1.1Ato 3.1A)
4. High common mode Impedance
(max 2400ohm, at 100MHz)
Application
Noise suppression for power line
1. Power line equipment
DC/DC converter
battery charger
2. Portable equipment
PDA(Personal Digital Assistance)
note PC
printer
DVC
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/01


Numéro de pièce similaire - DLW44SN101SK2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLW44SN101SK2 MURATA1-DLW44SN101SK2 Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN101SK2B MURATA1-DLW44SN101SK2B Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN101SK2K MURATA1-DLW44SN101SK2K Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN101SK2L MURATA1-DLW44SN101SK2L Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN101SK2 MURATA1-DLW44SN101SK2_V01 Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
More results

Description similaire - DLW44SN101SK2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com