Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9882KST-140 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9882KST-140
Description  Dual Interface for Flat Panel Displays
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9882KST-140 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9882KST-140 Datasheet HTML 7Page - Analog Devices AD9882KST-140 Datasheet HTML 8Page - Analog Devices AD9882KST-140 Datasheet HTML 9Page - Analog Devices AD9882KST-140 Datasheet HTML 10Page - Analog Devices AD9882KST-140 Datasheet HTML 11Page - Analog Devices AD9882KST-140 Datasheet HTML 12Page - Analog Devices AD9882KST-140 Datasheet HTML 13Page - Analog Devices AD9882KST-140 Datasheet HTML 14Page - Analog Devices AD9882KST-140 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. A
AD9882
–11–
RED
Data Output, RED Channel
GREEN
Data Output, GREEN Channel
BLUE
Data Output, BLUE Channel
These are the main data outputs. Bit 7 is the MSB.
The delay from pixel sampling time to output is
fixed. When the sampling time is changed by
adjusting the PHASE register, the output timing
is shifted as well. The DATACK and HSOUT
outputs are also moved, so the timing relation-
ship among the signals is maintained.
Please refer to the timing diagrams for more
information.
POWER SUPPLY
VD
Main Power Supply
These pins supply power to the main elements of
the circuit. They should be as quiet as possible.
VDD
Digital Output Power Supply
A large number of output pins (up to 25) switch-
ing at high speed (up to 140 MHz) generates a
lot of power supply transients. These supply
pins are identified separately from the VD pins
so special care can be taken to minimize out-
put noise transferred into the sensitive analog
circuitry.
If the AD9882 is interfacing with lower voltage
logic, VDD may be connected to a lower supply
voltage (as low as 2.2 V) for compatibility.
PVD
Clock Generator Power Supply
The most sensitive portion of the AD9882 is the
clock generation circuitry. These pins provide
power to the clock PLL and help the user design
for optimal performance. The designer should
provide noise-free power to these pins.
GND
Ground
The ground return for all circuitry on chip. It is
recommended that the AD9882 be assembled on
a single solid ground plane, with careful attention
to ground current paths.
Table III. Interface Selection Controls
Analog
Digital
AIO
Interface
Interface
AIS
Active
(0FH Bit 2)
Detect
Detect
(0FH Bit 1)
Interface
Description
1
XX0
Analog
Force the analog interface active.
1Digital
Force the digital interface active.
00X
None
Neither interface was detected. Both interfaces are
powered down.
01X
Digital
The digital interface was detected. Power down the
analog interface.
10X
Analog
The analog interface was detected. Power down the
digital interface.
110
Analog
Both interfaces were detected. The analog interface
gets priority.
1Digital
Both interfaces were detected. The digital interface
gets priority.
0


Numéro de pièce similaire - AD9882KST-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-140 AD-AD9882AKSTZ-140 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Description similaire - AD9882KST-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com