Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9238BST-40 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9238BST-40
Description  12-Bit, 20/40/65 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9238BST-40 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9238BST-40 Datasheet HTML 3Page - Analog Devices AD9238BST-40 Datasheet HTML 4Page - Analog Devices AD9238BST-40 Datasheet HTML 5Page - Analog Devices AD9238BST-40 Datasheet HTML 6Page - Analog Devices AD9238BST-40 Datasheet HTML 7Page - Analog Devices AD9238BST-40 Datasheet HTML 8Page - Analog Devices AD9238BST-40 Datasheet HTML 9Page - Analog Devices AD9238BST-40 Datasheet HTML 10Page - Analog Devices AD9238BST-40 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9238
–6–
AD9238
–7–
TERMINOLOGY
Aperture Delay
Aperture delay is a measure of the sample-and-hold amplifier
(SHA) performance and is measured from the rising edge of the
clock input to when the input signal is held for conversion.
Aperture Jitter
The variation in aperture delay for successive samples, which is
manifested as noise on the input to the A/D converter.
Integral Nonlinearity (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale.The
point used as negative full scale occurs 1/2 LSB before the first
code transition. Positive full scale is defined as a level 1 1/2 LSB
beyond the last code transition.The deviation is measured from
the middle of each particular code to the true straight line.
Differential Nonlinearity (DNL, No Missing Codes)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Guaranteed no
missing codes to 12-bit resolution indicates that all 4096 codes
must be present over all operating ranges.
Offset Error
The major carry transition should occur for an analog value
1/2 LSB below VIN+ = VIN–. Offset error is defined as the
deviation of the actual transition from that point.
Gain Error
The first code transition should occur at an analog value 1/2 LSB
above negative full scale.The last transition should occur at an
analog value 1 1/2 LSB below the nominal full scale. Gain error
is the deviation of the actual difference between first and last code
transitions and the ideal difference between first and last code
transitions.
Temperature Drift
The temperature drift for zero error and gain error specifies the
maximum change from the initial (25°C) value to the value at
TMIN or TMAX.
Power Supply Rejection
The specification shows the maximum change in full scale from
the value with the supply at the minimum limit to the value with
the supply at its maximum limit.
Total Harmonic Distortion (THD)
The ratio of the rms sum of the first six harmonic components
to the rms value of the measured input signal, expressed as a
percentage or in decibels relative to the peak carrier signal (dBc).
Signal-to-Noise and Distortion (S/N+D, SINAD) Ratio
The ratio of the rms value of the measured input signal to the rms
sum of all other spectral components below the Nyquist frequency,
including harmonics but excluding dc.The value for S/N+D is
expressed in decibels relative to the peak carrier signal (dBc).
Effective Number of Bits (ENOB)
Using the following formula:
ENOB
SINAD
=
(
)
– .
/ .
1 76 6 02
effective number of bits for a device for sine wave inputs at a
given input frequency can be calculated directly from its
measured SINAD.
Signal-to-Noise Ratio (SNR)
The ratio of the rms value of the measured input signal to the rms
sum of all other spectral components below the Nyquist frequency,
excluding the first six harmonics and dc.The value for SNR is
expressed in decibels relative to the peak carrier signal (dBc).
Spurious Free Dynamic Range (SFDR)
The difference in dB between the rms amplitude of the input
signal and the peak spurious signal.
Nyquist Sampling
When the frequency components of the analog input are below
the Nyquist frequency (fCLOCK/2), this is often referred to as
Nyquist sampling.
IF Sampling
Due to the effects of aliasing, an ADC is not necessarily limited
to Nyquist sampling. Higher sampled frequencies will be aliased
down into the first Nyquist zone (DC – fCLOCK/2) on the output
of the ADC. Care must be taken that the bandwidth of the sam-
pled signal does not overlap Nyquist zones and alias onto itself.
Nyquist sampling performance is limited by the bandwidth of the
input SHA and clock jitter (jitter adds more noise at higher input
frequencies).
Two-Tone SFDR
The ratio of the rms value of either input tone to the rms value
of the peak spurious component.The peak spurious component
may or may not be an IMD product.
Out-of-Range Recovery Time
Out-of-range recovery time is the time it takes for the A/D con-
verter to reacquire the analog input after a transient from 10%
above positive full scale to 10% above negative full scale, or from
10% below negative full scale to 10% below positive full scale.
Crosstalk
Coupling onto one channel being driven by a (–0.5 dBFS) signal
when the adjacent interfering channel is driven by a full-scale
signal. Measurement includes all spurs resulting from both direct
coupling and mixing components.
REV. A
REV. A


Numéro de pièce similaire - AD9238BST-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9238BST-40 AD-AD9238BST-40 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238BST-40 AD-AD9238BST-40 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9238BST-40PCB AD-AD9238BST-40PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Description similaire - AD9238BST-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com