Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7928BRU-REEL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7928BRU-REEL
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7928BRU-REEL Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7928BRU-REEL Datasheet HTML 7Page - Analog Devices AD7928BRU-REEL Datasheet HTML 8Page - Analog Devices AD7928BRU-REEL Datasheet HTML 9Page - Analog Devices AD7928BRU-REEL Datasheet HTML 10Page - Analog Devices AD7928BRU-REEL Datasheet HTML 11Page - Analog Devices AD7928BRU-REEL Datasheet HTML 12Page - Analog Devices AD7928BRU-REEL Datasheet HTML 13Page - Analog Devices AD7928BRU-REEL Datasheet HTML 14Page - Analog Devices AD7928BRU-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7908/AD7918/AD7928
REV. A
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The end-
points of the transfer function are zero scale, a point 1 LSB
below the first code transition, and full scale, a point 1 LSB
above the last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, i.e., AGND + 1 LSB.
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (i.e., REFIN – 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
This is the difference in Gain Error between any two channels.
Zero Code Error
This applies when using the twos complement output coding
option, in particular to the 2
REFIN input range with –REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the midscale transition (all 0s to all 1s) from the ideal VIN voltage,
i.e., REFIN – 1 LSB.
Zero Code Error Match
This is the difference in Zero Code Error between any two channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2
REFIN input range with –REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the last code transition (011. . .110) to (011 . . . 111) from the
ideal (i.e., +REFIN – 1 LSB) after the Zero Code Error has been
adjusted out.
Positive Gain Error Match
This is the difference in Positive Gain Error between any two
channels.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2
REFIN input range with –REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the first code transition (100 . . . 000) to (100 . . . 001) from the
ideal (i.e., –REF IN + 1 LSB) after the Zero Code Error has
been adjusted out.
Negative Gain Error Match
This is the difference in Negative Gain Error between any two
channels.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk
between channels. It is measured by applying a full-scale 400 kHz
sine wave signal to all seven nonselected input channels and deter-
mining how much that signal is attenuated in the selected channel
with a 50 kHz signal. The figure is given worst case across all
eight channels for the AD7908/AD7918/AD7928.
PSR (Power Supply Rejection)
Variations in power supply will affect the full scale transition, but
not the converter’s linearity. Power supply rejection is the maxi-
mum change in full-scale transition point due to a change in
power-supply voltage from the nominal value. See Typical
Performance Curves.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode at the
end of conversion. Track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within ±1 LSB, after the end of conversion.
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal-to-(noise + distortion) at the
output of the A/D converter. The signal is the rms amplitude of
the fundamental. Noise is the sum of all nonfundamental signals
up to half the sampling frequency (fS/2), excluding dc. The ratio
is dependent on the number of quantization levels in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal-to-(noise + distortion) ratio for an
ideal N-bit converter with a sine wave input is given by:
Signal to Noise
Distortion
N
dB
-- ()
( .
.
)
+=
+
602
176
Thus for a 12-bit converter, this is 74 dB; for a 10-bit converter,
this is 62 dB; and for an 8-bit converter, this is 50 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7908/AD7918/
AD7928, it is defined as:
THD dB
VVVVV
V
()
log
=
++++
20
2
2
3
2
4
2
5
2
6
2
1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
–11–


Numéro de pièce similaire - AD7928BRU-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7928BRU-REEL AD-AD7928BRU-REEL Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
More results

Description similaire - AD7928BRU-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com