Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8328ARQ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8328ARQ
Description  5 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8328ARQ Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8328ARQ Datasheet HTML 5Page - Analog Devices AD8328ARQ Datasheet HTML 6Page - Analog Devices AD8328ARQ Datasheet HTML 7Page - Analog Devices AD8328ARQ Datasheet HTML 8Page - Analog Devices AD8328ARQ Datasheet HTML 9Page - Analog Devices AD8328ARQ Datasheet HTML 10Page - Analog Devices AD8328ARQ Datasheet HTML 11Page - Analog Devices AD8328ARQ Datasheet HTML 12Page - Analog Devices AD8328ARQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8328
–9–
states, “Spurious emissions from a transmitted carrier may occur
in an adjacent channel that could be occupied by a carrier of the
same or different symbol rates.” TPC 3 shows the measured
ACP for a 60 dBmV QPSK signal taken at the output of the
AD8328 evaluation board. The transmit channel width and adja-
cent channel width in TPC 3 correspond to the symbol rates of
160 kSym/s. Table I shows the ACP results for the AD8328
driving a QPSK, 60 dBmV signal for all conditions in DOCSIS
Table 6-9, Adjacent Channel Spurious Emissions.
Noise and DOCSIS
At minimum gain, the AD8328 output noise spectral density is
1.2 nV/
√Hz measured at 10 MHz. DOCSIS Table 6-10, Spurious
Emissions in 5 MHz to 42 MHz, specifies the output noise for
various symbol rates. The calculated noise power in dBmV for
160 kSym/s is:
20
12
160
60
66 4
2
×


×
+=
log
.
.
nV
Hz
kHz
dBmV
Comparing the computed noise power of –66.4 dBmV to the
+8 dBmV signal yields –74.4 dBc, which meets the required level
set forth in DOCSIS Table 6-10. As the AD8328 gain is increased
above this minimum value, the output signal increases at a
faster rate than the noise, resulting in a signal-to-noise ratio that
improves with gain. In transmit disable mode, the output noise
spectral density is 1.1 nV/
√Hz, which results in –67 dBmV when
computed over 160 kSym/s. The noise power was measured
directly at the output of the AD8328AR-EVAL board.
Evaluation Board Features and Operation
The AD8328 evaluation board and control software can be used
to control the AD8328 upstream cable driver via the parallel port
of a PC. A standard printer cable connected to the parallel port
of the PC is used to feed all the necessary data to the AD8328
using the Windows®-based control software. This package pro-
vides a means of controlling the gain and the power mode of the
AD8328. With this evaluation kit, the AD8328 can be evaluated
in either a single-ended or differential input configuration. A
schematic of the evaluation board is provided in Figure 11.
Differential Signal Source
Typical applications for the AD8328 use a differential input signal
from a modulator or a DAC. See Table II for common values of
R4, or calculate other input configurations using the equation in
Figure 6. This circuit configuration will give optimal distortion
results due to the symmetric input signals. It should be noted that
this is the configuration that was used to characterize the AD8328.
R
Zk
kZ
IN
IN
4
16
16
=
× .
.
VIN+
AD8328
VIN
R4
ZIN
Figure 6. Differential Circuit
Differential Signal from Single-Ended Source
The default configuration of the evaluation board implements a
differential signal drive from a single-ended signal source. This
configuration uses a 1:1 balun transformer to approximate a
differential signal. Because of the nonideal nature of real trans-
formers, the differential signal is not purely equal and opposite
in amplitude. Although this circuit slightly sacrifices even order
harmonic distortion due to asymmetry, it does provide a con-
venient way to evaluate the AD8328 with a single-ended source.
The AD8328 evaluation board is populated with a TOKO
617DB-A0070 1:1 for this purpose (T1). Table II provides
typical R4 values for common input configurations. Other input
impedances may be calculated using the equation in Figure 7.
Refer to Figure 10 for an evaluation board schematic. To utilize
the transformer for converting a single-ended source into a
differential signal, the input signal must be applied to VIN+.
R
Zk
kZ
IN
IN
4
16
16
=
× .
.
VIN
AD8328
R4
ZIN
Figure 7. Single to Differential Circuit
Single-Ended Source
Although the AD8328 was designed to have optimal DOCSIS
performance when used with a differential input signal, the
AD8328 may also be used as a single-ended receiver, or an IF
digitally controlled amplifier. However, as with the single-ended
to differential configuration noted above, even order harmonic
distortion will be slightly degraded.
When operating the AD8328 in a single-ended input mode,
VIN+ and VIN– should be terminated as illustrated in Figure 8.
On the AD8328 evaluation boards, this termination method
requires the removal of R2 and R3 to be shorted with R4 open,
as well as the addition of 82.5
Ω at R1 and 39.2 Ω at R17 for 75
Ω termination. Table II shows the correct values for R11 and
R12 for some common input configurations. Other input
impedance configurations may be accommodated using the
equations in Figure 8.
R
Z
Z
R
ZR
RZ
IN
IN
IN
IN
1
800
800
17
1
1
=
×
=
×
+
AD8328
R1
R17
VIN+
ZIN
Figure 8. Single-Ended Circuit


Numéro de pièce similaire - AD8328ARQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8328ARQ AD-AD8328ARQ Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328ARQ-EVAL AD-AD8328ARQ-EVAL Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328ARQ-REEL AD-AD8328ARQ-REEL Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328ARQZ AD-AD8328ARQZ Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328ARQZ-REEL AD-AD8328ARQZ-REEL Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
More results

Description similaire - AD8328ARQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com