Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD25202W15T Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD25202W15T
Description  20V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25202W15T Fiches technique(HTML) 4 Page - Texas Instruments

  CSD25202W15T Datasheet HTML 1Page - Texas Instruments CSD25202W15T Datasheet HTML 2Page - Texas Instruments CSD25202W15T Datasheet HTML 3Page - Texas Instruments CSD25202W15T Datasheet HTML 4Page - Texas Instruments CSD25202W15T Datasheet HTML 5Page - Texas Instruments CSD25202W15T Datasheet HTML 6Page - Texas Instruments CSD25202W15T Datasheet HTML 7Page - Texas Instruments CSD25202W15T Datasheet HTML 8Page - Texas Instruments CSD25202W15T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M0149-01
M0150-01
CSD25202W15
SLPS508A – JUNE 2014 – REVISED JULY 2014
www.ti.com
Typ RθJA = 140°C/W
Typ RθJA = 220°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD25202W15


Numéro de pièce similaire - CSD25202W15T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
More results

Description similaire - CSD25202W15T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD25304W1015 TI1-CSD25304W1015 Datasheet
420Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com