Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD23280F3 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD23280F3
Description  12V P-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23280F3 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CSD23280F3 Datasheet HTML 2Page - Texas Instruments CSD23280F3 Datasheet HTML 3Page - Texas Instruments CSD23280F3 Datasheet HTML 4Page - Texas Instruments CSD23280F3 Datasheet HTML 5Page - Texas Instruments CSD23280F3 Datasheet HTML 6Page - Texas Instruments CSD23280F3 Datasheet HTML 7Page - Texas Instruments CSD23280F3 Datasheet HTML 8Page - Texas Instruments CSD23280F3 Datasheet HTML 9Page - Texas Instruments CSD23280F3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TA - Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0
0.5
1
1.5
2
2.5
3
D011
-VDS - Drain-To-Source Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
6
CSD23280F3
SLPS601 – APRIL 2016
www.ti.com
Product Folder Links: CSD23280F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
Single Pulse, Max RθJA = 255°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature


Numéro de pièce similaire - CSD23280F3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23285F5T TI1-CSD23285F5T Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
More results

Description similaire - CSD23280F3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD25480F3 TI1-CSD25480F3 Datasheet
1Mb / 14P
[Old version datasheet]   20V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com