Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD18532Q5B Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CSD18532Q5B
Description  60V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532Q5B Fiches technique(HTML) 4 Page - Texas Instruments

  CSD18532Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GATE
Source
DRAIN
M0137-01
GATE
Source
DRAIN
M0137-02
CSD18532Q5B
SLPS322B – NOVEMBER 2012 – REVISED JULY 2014
www.ti.com
Max RθJA = 50°C/W
Max RθJA = 125°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: CSD18532Q5B


Numéro de pièce similaire - CSD18532Q5B_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD18532Q5B_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com