Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD18531Q5A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD18531Q5A
Description  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5A Fiches technique(HTML) 3 Page - Texas Instruments

  CSD18531Q5A Datasheet HTML 1Page - Texas Instruments CSD18531Q5A Datasheet HTML 2Page - Texas Instruments CSD18531Q5A Datasheet HTML 3Page - Texas Instruments CSD18531Q5A Datasheet HTML 4Page - Texas Instruments CSD18531Q5A Datasheet HTML 5Page - Texas Instruments CSD18531Q5A Datasheet HTML 6Page - Texas Instruments CSD18531Q5A Datasheet HTML 7Page - Texas Instruments CSD18531Q5A Datasheet HTML 8Page - Texas Instruments CSD18531Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD18531Q5A
www.ti.com
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.3
V
VGS = 4.5 V, ID = 22 A
4.4
5.8
m
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 22 A
3.5
4.6
m
gfs
Transconductance
VDS = 30 V, ID = 22 A
128
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
3200
3840
pF
Coss
Output capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
380
456
pF
Crss
Reverse transfer capacitance
11
14
pF
RG
Series gate resistance
1.2
2.4
Qg
Gate charge total (4.5 V)
18
22
nC
Qg
Gate charge total (10 V)
36
43
Qgd
Gate charge gate-to-drain
VDS = 30 V, ID = 22 A
5.9
nC
Qgs
Gate charge gate-to-source
6.9
nC
Qg(th)
Gate charge at Vth
5.2
nC
Qoss
Output charge
VDS = 30 V, VGS = 0 V
32
nC
td(on)
Turn on delay time
4.4
ns
tr
Rise time
7.8
ns
VDS = 30 V, VGS = 10 V,
IDS = 22 A, RG = 0 Ω
td(off)
Turn off delay time
20
ns
tf
Fall time
2.7
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 22 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
100
nC
VDS= 30 V, IF = 22 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
40
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
1.0
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch (3.81 cm ×
3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18531Q5A


Numéro de pièce similaire - CSD18531Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Description similaire - CSD18531Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com