Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD18503Q5AT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD18503Q5AT
Description  40V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18503Q5AT Fiches technique(HTML) 2 Page - Texas Instruments

  CSD18503Q5AT Datasheet HTML 1Page - Texas Instruments CSD18503Q5AT Datasheet HTML 2Page - Texas Instruments CSD18503Q5AT Datasheet HTML 3Page - Texas Instruments CSD18503Q5AT Datasheet HTML 4Page - Texas Instruments CSD18503Q5AT Datasheet HTML 5Page - Texas Instruments CSD18503Q5AT Datasheet HTML 6Page - Texas Instruments CSD18503Q5AT Datasheet HTML 7Page - Texas Instruments CSD18503Q5AT Datasheet HTML 8Page - Texas Instruments CSD18503Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD18503Q5A
SLPS358C – JUNE 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q5A Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Recommended PCB Pattern..................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Opening ............................. 10
6
Device and Documentation Support.................... 7
7.4
Q5A Tape and Reel Information ............................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (November 2012) to Revision C
Page
Added part number to title ..................................................................................................................................................... 1
Added 7-inch reel to Ordering Information table ................................................................................................................... 1
Updated Continuous Drain Current ....................................................................................................................................... 1
Updated Pulsed Drain Current .............................................................................................................................................. 1
Updated pulsed current conditions ........................................................................................................................................ 1
Updated Max RθJC ................................................................................................................................................................. 3
Updated Figure 1 ................................................................................................................................................................... 4
Updated SOA in Figure 10 .................................................................................................................................................... 6
Updated Figure 12 ................................................................................................................................................................. 6
Added Community Resources ............................................................................................................................................... 7
Updated package dimensions ............................................................................................................................................... 8
Added Recommended Stencil Opening ............................................................................................................................... 10
Changes from Revision A (October 2012) to Revision B
Page
Added line for max power dissipation with case temperature held to 25° C .......................................................................... 1
Changed the RDS(on) vs VGS and GATE CHARGE graphs...................................................................................................... 1
Changed Max RθJA = 121°C/W To: Max RθJA = 125°C/W ...................................................................................................... 4
Changed the Typical MOSFET Characteristics section ......................................................................................................... 4
Changes from Original (June 2012) to Revision A
Page
Changed the Transconductance TYP value From: 127 S To: 100 S ..................................................................................... 3
Changed the Turn On and Turn Off Delay Time, Rise andFall Time Test Conditions From: IDS = 22 A, RG = 2 Ω To:
IDS = 22 A, RG = 0 Ω ............................................................................................................................................................... 3
Changed the Qrr Reverse Recovery Charge TYP value From: 22 nC To: 52 nC .................................................................. 3
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18503Q5A


Numéro de pièce similaire - CSD18503Q5AT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Description similaire - CSD18503Q5AT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com