Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17578Q5A Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD17578Q5A
Description  30V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17578Q5A Fiches technique(HTML) 1 Page - Texas Instruments

  CSD17578Q5A Datasheet HTML 1Page - Texas Instruments CSD17578Q5A Datasheet HTML 2Page - Texas Instruments CSD17578Q5A Datasheet HTML 3Page - Texas Instruments CSD17578Q5A Datasheet HTML 4Page - Texas Instruments CSD17578Q5A Datasheet HTML 5Page - Texas Instruments CSD17578Q5A Datasheet HTML 6Page - Texas Instruments CSD17578Q5A Datasheet HTML 7Page - Texas Instruments CSD17578Q5A Datasheet HTML 8Page - Texas Instruments CSD17578Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Qg - Gate Charge (nC)
0
3
6
9
12
15
18
0
2
4
6
8
10
D004
ID = 10 A
VDS = 15 V
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
4
8
12
16
20
24
28
D007
TC = 25°C, I D = 10 A
TC = 125°C, I D = 10 A
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17578Q5A
SLPS526 – MARCH 2015
CSD17578Q5A 30 V N-Channel NexFET™ Power MOSFETs
1 Features
Product Summary
1
Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low RDS(on)
VDS
Drain-to-Source Voltage
30
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5 V)
7.9
nC
Qgd
Gate Charge Gate-to-Drain
2.0
nC
Avalanche Rated
VGS = 4.5 V
7.9
m
Pb-Free Terminal Plating
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
5.9
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.5
V
Halogen Free
SON 5 mm × 6 mm Plastic Package
.
Ordering Information(1)
2 Applications
Device
Media
Qty
Package
Ship
CSD17578Q5A
13-Inch Reel
2500
Point-of-Load Synchronous Buck Converter for
SON 5 x 6 mm
Tape and
Plastic Package
Reel
CSD17578Q5AT
7-Inch Reel
250
Applications in Networking, Telecom, and
Computing Systems
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Optimized for Control FET Applications
Absolute Maximum Ratings
3 Description
TA = 25°C
VALUE
UNIT
This 30 V, 5.9 m
Ω, SON 5 mm x 6 mm NexFET™
VDS
Drain-to-Source Voltage
30
V
power MOSFET is designed to minimize losses in
VGS
Gate-to-Source Voltage
±20
V
power conversion applications.
Continuous Drain Current (Package limited)
25
Top View
Continuous Drain Current (Silicon limited),
ID
59
A
TC = 25°C
Continuous Drain Current(1)
16
IDM
Pulsed Drain Current(2)
132
A
Power Dissipation(1)
3.1
PD
W
Power Dissipation, TC = 25°C
42
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
23
mJ
ID = 22 A, L = 0.1 mH
(1) Typical RθJA = 40°C/W on a 1 inch
2, 2 oz. Cu pad on a 0.06
.
inch thick FR4 PCB.
.
(2) Max RθJC = 3.8°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - CSD17578Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD17578Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com