Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17570Q5B Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce CSD17570Q5B
Description  30 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17570Q5B Fiches technique(HTML) 3 Page - Texas Instruments

  CSD17570Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17570Q5B
www.ti.com
SLPS471C – FEBRUARY 2014 – REVISED FEBRUARY 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.1
1.5
1.9
V
VGS = 4.5 V, ID = 50 A
0.74
0.92
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 50 A
0.56
0.69
m
gƒs
Transconductance
VDS = 15 V, ID = 50 A
271
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
10400
13600
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
1450
1890
pF
Crss
Reverse Transfer Capacitance
877
1140
pF
RG
Series Gate Resistance
1.8
3.6
Qg
Gate Charge Total (4.5 V)
93
121
nC
Qgd
Gate Charge Gate-to-Drain
34
nC
VDS = 15 V, ID = 50 A
Qgs
Gate Charge Gate-to-Source
27
nC
Qg(th)
Gate Charge at Vth
17
nC
Qoss
Output Charge
VDS = 15 V, VGS = 0 V
40
nC
td(on)
Turn On Delay Time
5
ns
tr
Rise Time
36
ns
VDS = 15 V, VGS = 10 V,
IDS = 50 A, RG = 0 Ω
td(off)
Turn Off Delay Time
144
ns
tƒ
Fall Time
74
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 50 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
34
nC
VDS= 15 V, IF = 50 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
51
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
0.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inches × 1.5 inches
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17570Q5B


Numéro de pièce similaire - CSD17570Q5B_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
More results

Description similaire - CSD17570Q5B_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com