Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17556Q5BT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD17556Q5BT
Description  30 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17556Q5BT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CSD17556Q5BT Datasheet HTML 4Page - Texas Instruments CSD17556Q5BT Datasheet HTML 5Page - Texas Instruments CSD17556Q5BT Datasheet HTML 6Page - Texas Instruments CSD17556Q5BT Datasheet HTML 7Page - Texas Instruments CSD17556Q5BT Datasheet HTML 8Page - Texas Instruments CSD17556Q5BT Datasheet HTML 9Page - Texas Instruments CSD17556Q5BT Datasheet HTML 10Page - Texas Instruments CSD17556Q5BT Datasheet HTML 11Page - Texas Instruments CSD17556Q5BT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Top View
c1
E1
Side View
Bottom View
Front View
L
K
H
d1
d2
CSD17556Q5B
SLPS392B – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q5B Package Dimensions
MILLIMETERS
DIM
MIN
NOM
MAX
A
0.80
1.00
1.05
b
0.36
0.41
0.46
c
0.15
0.20
0.25
c1
0.15
0.20
0.25
c2
0.20
0.25
0.30
D1
4.90
5.00
5.10
D2
4.12
4.22
4.32
D3
3.90
4.00
4.10
d
0.20
0.25
0.30
d1
0.085 TYP
d2
0.319
0.369
0.419
E
4.90
5.00
5.10
E1
5.90
6.00
6.10
E2
3.48
3.58
3.68
e
1.27 TYP
H
0.36
0.46
0.56
L
0.46
0.56
0.66
L1
0.57
0.67
0.77
θ
K
1.40 TYP
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD17556Q5B


Numéro de pièce similaire - CSD17556Q5BT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17556Q5B TI-CSD17556Q5B Datasheet
1Mb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD17556Q5BT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com