Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCVF2510PWG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCVF2510PWG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2510PWG4 Fiches technique(HTML) 3 Page - Texas Instruments

  CDCVF2510PWG4 Datasheet HTML 1Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 2Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 3Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 4Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 5Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 6Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 7Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 8Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
CDCVF2510
SCAS638C – JULY 2001 – REVISED APRIL 2006
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
Clock input. CLK provides the clock signal to be distributed by the CDCVF2510 clock driver. CLK is
used to provide the reference signal to the integrated PLL that generates the clock output signals.
CLK
24
I
CLK must have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit
is powered up and a valid CLK signal is applied, a stabilization time is required for the PLL to
phase lock the feedback signal to its reference signal.
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hard-wired to
FBIN
13
I
FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so that there is
nominally zero phase error between CLK and FBIN.
Output bank enable. G is the output enable for outputs 1Y(0:9). When G is low, outputs 1Y(0:9) are
G
11
I
disabled to a logic-low state. When G is high, all outputs 1Y(0:9) are enabled and switch at the
same frequency as CLK.
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as
FBOUT
12
O
CLK. When externally wired to FBIN, FBOUT completes the feedback loop of the PLL. FBOUT has
an integrated 25-
Ω series-damping resistor.
3, 4, 5, 8, 9,
Clock outputs. These outputs provide low-skew copies of CLK. Output bank 1Y(0:9) is enabled via
1Y (0:9)
15, 16, 17, 20,
O
the G input. These outputs can be disabled to a logic-low state by deasserting the G control input.
21
Each output has an integrated 25-
Ω series-damping resistor.
Analog power supply. AVCC provides the power reference for the analog circuitry. In addition, AVCC
AVCC
23
Power
can be used to bypass the PLL for test purposes. When AVCC is strapped to ground, PLL is
bypassed and CLK is buffered directly to the device outputs.
AGND
1
Ground Analog ground. AGND provides the ground reference for the analog circuitry.
VCC
2, 10, 14, 22
Power
Power supply
GND
6, 7, 18, 19
Ground Ground
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
AVCC(2)
Supply voltage range
AVCC < VCC +0.7 V
VCC
Supply voltage range
-0.5 V to 4.3 V
VI(3)
Input voltage range
-0.5 V to 4.6 V
VO(4)
Voltage range applied to any output in the high or low state
-0.5 V to VCC + 0.5 V
IIK(VI < 0)
Input clamp current
-50 mA
IOK(VO < 0 or VO > VCC)
Output clamp current
±50 mA
IO(VO = 0 to VCC)
Continuous output current
±50 mA
VCC or GND
Continuous current through each
±100 mA
TA = 55°C (in still air)(5)
Maximum power dissipation
0.7 W
Tstg
Storage temperature range
-65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
AVCC must not exceed VCC + 0.7 V.
(3)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 4.6 V maximum.
(5)
The maximum package power dissipation is calculated using a junction temperature of 150°C and a board trace length of 750 mils. For
more information, see the Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data Book
(SCBD002).
3
Submit Documentation Feedback


Numéro de pièce similaire - CDCVF2510PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCVF2510PWG4 TI1-CDCVF2510PWG4 Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Description similaire - CDCVF2510PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com