Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCVF2509APWG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCVF2509APWG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2509APWG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CDCVF2509APWG4 Datasheet HTML 5Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 6Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 7Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 8Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 9Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 10Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 11Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 12Page - Texas Instruments CDCVF2509APWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3
8
13
18
23
28
33
C(LF) − Load Capacitance − pF
400
200
−400
−600
0
−200
600
38
CLK to Y1−n
CLK to FBOUT
VCC = 3.3 V
fc = 100 MHz
C(LY1−n) = 25 pF || 500 Ω
TA = 25°C
See Notes A, B, and C
3
8
13
18
23
28
33
400
200
−400
−600
0
−200
600
38
VCC = 3.3 V
fc = 133 MHz
C(LY1−n) = 25 pF || 500 Ω
TA = 25°C
See Notes A, B, and C
CLK to Y1−n
CLK to FBOUT
C(LF) − Load Capacitance − pF
50
75
100
125
150
175
200
fc − Clock Frequency − MHz
−100
−150
−250
−300
−350
−400
−200
−50
0
VCC = 3.3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes A, B, and C
CLK to FBOUT
−100
−150
−250
−300
−350
−400
−200
3.1
3.2
3.3
3.4
3.5
−50
0
VCC − Supply Voltage at FBOUT − V
3.6
3
fc = 133 MHz
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes A, B, and C
CLK to FBOUT
CDCVF2509A
www.ti.com
SCAS765E – APRIL 2004 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS
STATIC PHASE ERROR
STATIC PHASE ERROR
vs
vs
LOAD CAPACITANCE
LOAD CAPACITANCE
Figure 4.
Figure 5.
STATIC PHASE ERROR
STATIC PHASE ERROR
vs
vs
SUPPLY VOLTAGE AT FBOUT
CLOCK FREQUENCY
Figure 6.
Figure 7.
a. Trace length FBOUT to FBIN = 5 mm, ZO = 50Ω
b. C(LY) = Lumped capacitive load Y1-n
c. C(LFx) = Lumped feedback capacitance at FBOUT = FBIN
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCVF2509A


Numéro de pièce similaire - CDCVF2509APWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCVF2509APW TI-CDCVF2509APW Datasheet
164Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWR TI-CDCVF2509APWR Datasheet
164Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
More results

Description similaire - CDCVF2509APWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCVF2509A TI-CDCVF2509A Datasheet
164Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510APWR TI-CDCVF2510APWR Datasheet
551Kb / 17P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI1-CDCVF2510A_15 Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI-CDCVF2510A Datasheet
166Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com