Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCR61APWG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce CDCR61APWG4
Description  DIRECT RAMBUSE CLOCK GENERATOR ??LITE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCR61APWG4 Fiches technique(HTML) 1 Page - Texas Instruments

  CDCR61APWG4 Datasheet HTML 1Page - Texas Instruments CDCR61APWG4 Datasheet HTML 2Page - Texas Instruments CDCR61APWG4 Datasheet HTML 3Page - Texas Instruments CDCR61APWG4 Datasheet HTML 4Page - Texas Instruments CDCR61APWG4 Datasheet HTML 5Page - Texas Instruments CDCR61APWG4 Datasheet HTML 6Page - Texas Instruments CDCR61APWG4 Datasheet HTML 7Page - Texas Instruments CDCR61APWG4 Datasheet HTML 8Page - Texas Instruments CDCR61APWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDCR61A
DIRECT RAMBUS
™ CLOCK GENERATOR – LITE
SCAS626 – FEBRUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 400-MHz Differential Clock Source for
Direct Rambus Memory Systems for an
800-MHz Data Transfer Rate
D Operates From Two (3.3-V and 1.80-V)
Power Supplies With 180 mW (Typ) at 400
MHz Total
D Packaged in a Thin Shrink Small-Outline
Package (PW)
D External Crystal Required for Input
description
The Direct Rambus clock generator – lite (DRCG-Lite) is an independent crystal clock generator. It performs
clock multiplication using PLL, sourced by an internal crystal oscillator. It provides one differential, high-speed
Rambus channel compatible output pair. Also, one single-ended output is available to deliver 1/2 of the crystal
frequency. The Rambus channel operates at up to 400 MHz with an option to select 300 MHz as well. The
desired crystal is a 18.75-MHz crystal in a series resonance fundamental application.
The CDCR61A is characterized for operation over free-air temperatures of 0
°C to 85°C.
functional block diagram
/2
OSC
PLL
BUSCLK
LCLK
2
S0
XTAL
XOUT
XIN
S1
S2
DIV
VDDP
BUSCLK FREQUENCY SETTINGS
S0
M (PLL MULTIPLIER)
0
16
1 or Open
64/3
FUNCTION TABLE
VDDP
S1
S2
MODE
CLK
CLKB
LCLK
ON
0
0
Normal
CLK
CLKB
XIN divided by 2
ON
1
1
Normal
CLK
CLKB
XIN divided by 2
ON
0
1
Test
Divided by 2
Divided by 2
XIN divided by 2
ON
1
0
Test
Divided by 4
Divided by 4
XIN divided by 2
0 V
0
0
Test
XIN
XIN (invert)
XIN divided by 2
0 V
1
1
Test
XIN
XIN (invert)
XIN divided by 2
0 V
0
1
Test
XIN divided by 2
XIN (invert) divided by 2
XIN divided by 2
0 V
1
0
Test
XIN divided by 4
XIN (invert) divided by 4
XIN divided by 2
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Direct Rambus and Rambus are trademarks of Rambus Inc.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDDP
GNDP
XOUT
XIN
VDDL
LCLK
GNDL
S1
S0
VDD
GND
CLK
CLKB
GND
VDD
S2
PW PACKAGE
(TOP VIEW)


Numéro de pièce similaire - CDCR61APWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCR61APW TI-CDCR61APW Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
More results

Description similaire - CDCR61APWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
CDCR81 TI-CDCR81 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
   Direct Rambus??Clock Generator (Lite)
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com