Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCR61APW Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCR61APW
Description  DIRECT RAMBUSE CLOCK GENERATOR ??LITE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCR61APW Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CDCR61APW Datasheet HTML 3Page - Texas Instruments CDCR61APW Datasheet HTML 4Page - Texas Instruments CDCR61APW Datasheet HTML 5Page - Texas Instruments CDCR61APW Datasheet HTML 6Page - Texas Instruments CDCR61APW Datasheet HTML 7Page - Texas Instruments CDCR61APW Datasheet HTML 8Page - Texas Instruments CDCR61APW Datasheet HTML 9Page - Texas Instruments CDCR61APW Datasheet HTML 10Page - Texas Instruments CDCR61APW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CDCR61A
DIRECT RAMBUS
™ CLOCK GENERATOR – LITE
SCAS626 – FEBRUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLK
CLKB
tpW+
t(cycle)
Duty cycle (tDC) = (tpW+/t(cycle))
Figure 5. Output Duty Cycle
CLK
CLKB
tpW+(i)
t(cycle)
Duty cycle error (tDC,ERR) = tpW+(i) – tpW+(i+1)
tpW+(i+1)
t(cycle)
Figure 6. Duty Cycle Error (Cycle-to-Cycle)
CLK
CLKB
VO(X)+
VO(X), nom
VO(X)–
Figure 7. Crossing-Point Voltage
LCLK
10 pF
1.8 V
120
120
80%
tf
tr
20%
VOL
VOH
Figure 8. LCLK Test Load Circuit and Voltage Waveform for CLK/CLKB and LCLK


Numéro de pièce similaire - CDCR61APW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCR61APW TI-CDCR61APW Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
More results

Description similaire - CDCR61APW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
CDCR81 TI-CDCR81 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
   Direct Rambus??Clock Generator (Lite)
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com