Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC337DWG4 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDC337DWG4
Description  Clock Driver with 3-state output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDC337DWG4 Fiches technique(HTML) 1 Page - Texas Instruments

  CDC337DWG4 Datasheet HTML 1Page - Texas Instruments CDC337DWG4 Datasheet HTML 2Page - Texas Instruments CDC337DWG4 Datasheet HTML 3Page - Texas Instruments CDC337DWG4 Datasheet HTML 4Page - Texas Instruments CDC337DWG4 Datasheet HTML 5Page - Texas Instruments CDC337DWG4 Datasheet HTML 6Page - Texas Instruments CDC337DWG4 Datasheet HTML 7Page - Texas Instruments CDC337DWG4 Datasheet HTML 8Page - Texas Instruments CDC337DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDC337
CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS330B – DECEMBER 1990 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
D TTL-Compatible Inputs and
CMOS-Compatible Outputs
D Distributes One Clock Input to Eight
Outputs
– Four Same-Frequency Outputs
– Four Half-Frequency Outputs
D Distributed VCC and Ground Pins Reduce
Switching Noise
D High-Drive Outputs (–48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (DW)
description
The CDC337 is a high-performance, low-skew clock driver. It is specifically designed for applications requiring
synchronized output signals at both the clock frequency and one-half the clock frequency. The four Y outputs
switch in phase and at the same frequency as the clock (CLK) input. The four Q outputs switch at one-half the
frequency of CLK.
When the output-enable (OE) input is low and the clear (CLR) input is high, the Y outputs follow CLK and the
Q outputs toggle on low-to-high transitions at CLK. Taking CLR low asynchronously resets the Q outputs to the
low level. When OE is high, the outputs are in the high-impedance state.
The CDC337 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
OE
CLR
CLK
Y1–Y4
Q1– Q4
H
X
X
Z
Z
L
LL
L
L
L
LH
H
L
L
HL
L
Q0†
L
H
H
Q0†
† The level of the Q outputs before the
indicated steady-state input conditions were
established
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Y3
GND
Y4
VCC
OE
CLR
VCC
Q4
GND
Q3
Y2
GND
Y1
VCC
CLK
GND
VCC
Q1
GND
Q2
DW PACKAGE
(TOP VIEW)


Numéro de pièce similaire - CDC337DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC337DW TI-CDC337DW Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - CDC337DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339DBR TI-CDC339DBR Datasheet
281Kb / 13P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339 TI-CDC339 Datasheet
105Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com