Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC318ADLR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDC318ADLR
Description  1Line to 10Line Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDC318ADLR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CDC318ADLR Datasheet HTML 2Page - Texas Instruments CDC318ADLR Datasheet HTML 3Page - Texas Instruments CDC318ADLR Datasheet HTML 4Page - Texas Instruments CDC318ADLR Datasheet HTML 5Page - Texas Instruments CDC318ADLR Datasheet HTML 6Page - Texas Instruments CDC318ADLR Datasheet HTML 7Page - Texas Instruments CDC318ADLR Datasheet HTML 8Page - Texas Instruments CDC318ADLR Datasheet HTML 9Page - Texas Instruments CDC318ADLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CDC318A
1LINE TO 18LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS614A − SEPTEMBER 1998 − REVISED JUNE 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = 3.135 V,
II = −18 mA
−1.2
V
VOH
High-level output voltage
Y outputs
VCC = Min to Max,
IOH = −1 mA
VCC −
0.1 V
V
VOH
High-level output voltage
Y outputs
VCC = 3.135 V,
IOH = −36 mA
2.4
V
Y outputs
VCC = Min to Max,
IOL = 1 mA
0.1
VOL
Low-level output voltage
Y outputs
VCC = 3.135 V,
IOL = 24 mA
0.4
V
VOL
Low-level output voltage
SDATA
VCC = 3.135 V
IOL = 3 mA
0.4
V
SDATA
VCC = 3.135 V
IOL = 6 mA
0.6
SDATA
VCC = 3.135 V,
VO = VCC MAX
20
µA
IOH
High-level output current
VCC = 3.135 V,
VO = 2 V
−54
−126
IOH
High-level output current
Y outputs
VCC = 3.3 V,
VO = 1.65 V
−92
mA
Y outputs
VCC = 3.465 V,
VO = 3.135 V
−21
−46
mA
VCC = 3.135 V,
VO = 1 V
49
118
IOL
Low-level output current
Y outputs
VCC = 3.3 V,
VO = 1.65 V
93
mA
IOL
Low-level output current
Y outputs
VCC = 3.465 V,
VO = 0.4 V
24
53
mA
A
5
IIH
High-level input current
OE
VCC = 3.465 V,
VI = VCC
20
µA
IIH
High-level input current
SCLOCK, SDATA
VCC = 3.465 V,
VI = VCC
20
µA
A
−5
IIL
Low-level input current
OE
VCC = 3.465 V,
VI = GND
−10
−50
µA
IIL
Low-level input current
SCLOCK, SDATA
VCC = 3.465 V,
VI = GND
−10
−50
µA
IOZ
High-impedance-state output current
VCC = 3.465 V,
VO = 3.465 V or 0
±10
µA
Ioff
Off-state current
SCLOCK, SDATA
VCC = 0,
VI = 0 V to 5.5 V
50
µA
ICC
Supply current
VCC = 3.465 V,
IO = 0
0.2
0.5
mA
∆ICC Change in supply current
VCC = 3.135 V to 3.465 V,
One input at VCC − 0.6 V,
All other inputs at VCC or GND
500
µA
Dynamic ICC at 100 MHz
VCC = 3.465 V,
CL = 20 pF,
230
mA
CI
Input capacitance
VI = VCC or GND,
VCC = 3.3 V
4
pF
CO
Output capacitance
VO = VCC or GND,
VCC = 3.3 V
6
pF
CI/O
SDATA I/O capacitance
VI/O = VCC or GND,
VCC = 3.3 V
7
pF


Numéro de pièce similaire - CDC318ADLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC318ADL TI-CDC318ADL Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
More results

Description similaire - CDC318ADLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com