Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC646EN Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce CD74HC646EN
Description  High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC646EN Fiches technique(HTML) 1 Page - Texas Instruments

  CD74HC646EN Datasheet HTML 1Page - Texas Instruments CD74HC646EN Datasheet HTML 2Page - Texas Instruments CD74HC646EN Datasheet HTML 3Page - Texas Instruments CD74HC646EN Datasheet HTML 4Page - Texas Instruments CD74HC646EN Datasheet HTML 5Page - Texas Instruments CD74HC646EN Datasheet HTML 6Page - Texas Instruments CD74HC646EN Datasheet HTML 7Page - Texas Instruments CD74HC646EN Datasheet HTML 8Page - Texas Instruments CD74HC646EN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS193A
Features
• Independent Registers for A and B Buses
• Non-Inverting
• Three-State Outputs
• Drives 15 LSTTL Loads
• Typical Propagation Delay = 12ns (A to B, B to A) at
VCC = 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
Pinout
CD74HC646
(SOIC)
TOP VIEW
Description
The CD74HC646 is an octal bus transceiver/register with
three-state non-inverting outputs. This device is a bus
transceiver with D-type flip-flops which act as internal storage
registers. Data on the A bus or the B bus can be clocked into
the registers on the Low-to-High transition of either CAB or
CBA clock inputs. Outputs enable (OE) and direction (DIR)
inputs control the transceiver functions. Data present at the
high impedance output can be stored in either register or both
but only one of the two buses can be enabled as outputs at
any one time. The select controls (SAB and SBA) can
multiplex stored and transparent (real time) data. The
direction control determines which data bus will receive data
when the output enable (OE) is Low. In the high impedance
mode (output enable High), A data can be stored in one
register and B data can be stored in the other register. The
clocks are not gated with the direction (DIR) and output
enable (OE) terminals; data at the A or B terminals can be
clocked into the storage flip-flops at any time.
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OE
B0
B1
B3
B5
B6
B7
CBA
B2
B4
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD74HC646M
-55 to 125
24 Ld SOIC
CD74HC646M96
-55 to 125
24 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
January 1998 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD74HC646
High-Speed CMOS Logic
Octal Bus Transceiver/Register, Three-State
NOT
RECOMMENDED
FOR
NEW
DESIGNS


Numéro de pièce similaire - CD74HC646EN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC646 TI-CD74HC646 Datasheet
245Kb / 8P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
More results

Description similaire - CD74HC646EN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54-74HC646 TI-CD54-74HC646 Datasheet
245Kb / 8P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com