Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC60004IPW Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC60004IPW
Description  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60004IPW Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DAC60004IPW Datasheet HTML 7Page - Texas Instruments DAC60004IPW Datasheet HTML 8Page - Texas Instruments DAC60004IPW Datasheet HTML 9Page - Texas Instruments DAC60004IPW Datasheet HTML 10Page - Texas Instruments DAC60004IPW Datasheet HTML 11Page - Texas Instruments DAC60004IPW Datasheet HTML 12Page - Texas Instruments DAC60004IPW Datasheet HTML 13Page - Texas Instruments DAC60004IPW Datasheet HTML 14Page - Texas Instruments DAC60004IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
D001
Channel A (5 k://200 pF)
Channel B (5 k://200 pF)
Channel C (5 k://200 pF)
Channel D (5 k://200 pF)
Channel A (no load)
Channel B (no load)
Channel C (no load)
Channel D (no load)
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
D001
Channel A (5 k://200 pF)
Channel B (5 k://200 pF)
Channel C (5 k://200 pF)
Channel D (5 k://200 pF)
Channel A (no load)
Channel B (no load)
Channel C (no load)
Channel D (no load)
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
D001
Ch-A TUE Max
Ch-B TUE Max
Ch-C TUE Max
Ch-D TUE Max
Ch-A TUE Min
Ch-B TUE Min
Ch-C TUE Min
Ch-D TUE Min
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
D001
Channel A (5 k://200 pF)
Channel B (5 k://200 pF)
Channel C (5 k://200 pF)
Channel D (5 k://200 pF)
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Ch-A Max
Ch-B Max
Ch-C Max
Ch-D Max
Ch-A Min
Ch-B Min
Ch-C Min
Ch-D Min
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Ch-A DNL Max
Ch-B DNL Max
Ch-C DNL Max
Ch-D DNL Max
Ch-A DNL Min
Ch-B DNL Min
Ch-C DNL Min
Ch-D DNL Min
11
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6B – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 5.5 V, REFIN = 5.45 V, DAC outputs unloaded, unless otherwise noted.
DAC load 5 k
Ω//200 pF
Figure 9. Linearity Error (Max-Min) vs Temperature
DAC load 5 k
Ω//200 pF
Figure 10. Differential Linearity Error (Max-Min) vs
Temperature
DAC load 5 k
Ω//200 pF
Figure 11. Total Unadjusted Error Max/Min vs Temperature
Figure 12. Offset Error vs Temperature
Figure 13. Gain Error vs Temperature
Figure 14. Full Scale Error vs Temperature


Numéro de pièce similaire - DAC60004IPW

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60096 TI1-DAC60096 Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
DAC60096IZEB TI1-DAC60096IZEB Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
More results

Description similaire - DAC60004IPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
[Old version datasheet]   DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
logo
Analog Devices
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
logo
Microchip Technology
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
logo
Analog Devices
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com