Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8814C Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce DAC8814C
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8814C Fiches technique(HTML) 4 Page - Texas Instruments

  DAC8814C Datasheet HTML 1Page - Texas Instruments DAC8814C Datasheet HTML 2Page - Texas Instruments DAC8814C Datasheet HTML 3Page - Texas Instruments DAC8814C Datasheet HTML 4Page - Texas Instruments DAC8814C Datasheet HTML 5Page - Texas Instruments DAC8814C Datasheet HTML 6Page - Texas Instruments DAC8814C Datasheet HTML 7Page - Texas Instruments DAC8814C Datasheet HTML 8Page - Texas Instruments DAC8814C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
DAC8814
SBAS338D – JANUARY 2005 – REVISED SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.5 V; IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B, C, D = 10 V, TA = full operating temperature range, unless
otherwise noted.
DAC8814
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
Power supply range
VDD RANGE
2.7
5.5
V
Logic inputs = 0 V,
Positive supply current
IDD
2
5
µA
VDD = +4.5 V to +5.5 V
Logic inputs = 0 V,
IDD
1
2.5
µA
VDD = +2.7 V to +3.6 V
Power dissipation
PDISS
Logic inputs = 0 V
0.0275
mW
Power supply sensitivity
PSS
∆V
DD = ±5%
0.006
%
AC CHARACTERISTICS(4)
To
±0.1% of full-scale,
Output voltage settling time
ts
0.3
µs
Data = 0000h to FFFFh to 0000h
To
±0.0015% of full-scale,
ts
0.5
µs
Data = 0000h to FFFFh to 0000h
Reference multiplying BW
BW –3 dB
VREFX = 100 mVRMS, Data = FFFFh, CFB = 3 pF
10
MHz
DAC glitch impulse
Q
VREFX = 10 V, Data = 7FFFh to 8000h to 7FFFh
5
nV-s
Feedthrough error
VOUTX/VREFX
Data = 0000h, VREFX = 100 mVRMS, f = 100 kHz
–70
dB
Data = 0000h, VREFB = 100 mVRMS,
Crosstalk error
VOUTA/VREFB
–100
dB
Adjacent channel, f = 100 kHz
Digital feedthrough
Q
CS = 1 and fCLK = 1 MHz
1
nV-s
Total harmonic distortion
THD
VREF = 5 VPP, Data = FFFFh, f = 1 kHz
–105
dB
Output spot noise voltage
en
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(4)
All ac characteristic tests are performed in a closed-loop system using a THS4011 I-to-V converter amplifier.
4
Submit Documentation Feedback


Numéro de pièce similaire - DAC8814C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDB TI-DAC8814IBDB Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDBR TI-DAC8814IBDBR Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDBT TI-DAC8814IBDBT Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814ICDB TI-DAC8814ICDB Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Description similaire - DAC8814C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com