Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7512N-3K Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce DAC7512N-3K
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7512N-3K Fiches technique(HTML) 3 Page - Texas Instruments

  DAC7512N-3K Datasheet HTML 1Page - Texas Instruments DAC7512N-3K Datasheet HTML 2Page - Texas Instruments DAC7512N-3K Datasheet HTML 3Page - Texas Instruments DAC7512N-3K Datasheet HTML 4Page - Texas Instruments DAC7512N-3K Datasheet HTML 5Page - Texas Instruments DAC7512N-3K Datasheet HTML 6Page - Texas Instruments DAC7512N-3K Datasheet HTML 7Page - Texas Instruments DAC7512N-3K Datasheet HTML 8Page - Texas Instruments DAC7512N-3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DAC7512
3
SBAS156B
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (1)
Resolution
12
Bits
Relative Accuracy
±8
LSB
Differential Nonlinearity
Tested Monotonic by Design
±1
LSB
Zero Code Error
All Zeroes Loaded to DAC Register
+5
+20
mV
Full-Scale Error
All Ones Loaded to DAC Register
–0.15
–1.25
% of FSR
Gain Error
±1.25
% of FSR
Zero Code Error Drift
–20
µV/°C
Gain Temperature Coefficient
–5
ppm of FSR/°C
OUTPUT CHARACTERISTICS (2)
Output Voltage Range
0VDD
V
Output Voltage Settling Time
1/4 Scale to 3/4 Scale Change
(400H to C00H)8
10
µs
RL = 2kΩ; 0pF < CL < 200pF
RL = 2kΩ; CL = 500pF
12
µs
Slew Rate
1
V/µs
Capacitive Load Stability
RL = ×
470
pF
RL = 2kΩ
1000
pF
Code Change Glitch Impulse
1LSB Change Around Major Carry
20
nV-s
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Short-Circuit Current
VDD = +5V
50
mA
VDD = +3V
20
mA
Power-Up Time
Coming Out of Power-Down Mode
VDD = +5V
2.5
µs
Coming Out of Power-Down Mode
VDD = +3V
5
µs
LOGIC INPUTS (2)
Input Current
±1
µA
VINL, Input Low Voltage
VDD = +5V
0.8
V
VINL, Input Low Voltage
VDD = +3V
0.6
V
VINH, Input High Voltage
VDD = +5V
2.4
V
VINH, Input High Voltage
VDD = +3V
2.1
V
Pin Capacitance
3pF
POWER REQUIREMENTS
V
DD
2.7
5.5
V
I
DD (normal mode)
DAC Active and Excluding Load Current
V
DD = +3.6V to +5.5V
V
IH = VDD and VIL = GND
135
200
µA
V
DD = +2.7V to +3.6V
V
IH = VDD and VIL = GND
115
160
µA
I
DD (all power-down modes)
V
DD = +3.6V to +5.5V
V
IH = VDD and VIL = GND
0.2
1
µA
V
DD = +2.7V to +3.6V
V
IH = VDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
I
OUT/IDD
I
LOAD = 2mA. VDD = +5V
93
%
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
NOTES: (1) Linearity calculated using a reduced code range of 48 to 4047; output unloaded. (2) Guaranteed by design and characterization, not production tested.
ELECTRICAL CHARACTERISTICS
V
DD = +2.7V to +5.5V; RL = 2ký to GND; CL = 200pF to GND.
DAC7512E, N


Numéro de pièce similaire - DAC7512N-3K

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7512N BURR-BROWN-DAC7512N Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/250 BURR-BROWN-DAC7512N/250 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/250G4 BURR-BROWN-DAC7512N/250G4 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/3K BURR-BROWN-DAC7512N/3K Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/3KG4 BURR-BROWN-DAC7512N/3KG4 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7512N-3K

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Maxim Integrated Produc...
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com