Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1280IPW Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC1280IPW
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1280IPW Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DAC1280IPW Datasheet HTML 6Page - Texas Instruments DAC1280IPW Datasheet HTML 7Page - Texas Instruments DAC1280IPW Datasheet HTML 8Page - Texas Instruments DAC1280IPW Datasheet HTML 9Page - Texas Instruments DAC1280IPW Datasheet HTML 10Page - Texas Instruments DAC1280IPW Datasheet HTML 11Page - Texas Instruments DAC1280IPW Datasheet HTML 12Page - Texas Instruments DAC1280IPW Datasheet HTML 13Page - Texas Instruments DAC1280IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
-90
95
100
105
110
115
120
125
130
135
-
-
-
-
-
-
-
-
-
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
CLK (MHz)
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
f = CLK/2 , 0.5dBFS
-
O
17
THD resolution of low
gains limited by FFT size
CLK (MHz)
125
120
115
110
105
100
95
90
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
CLK (MHz)
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
f = CLK/2 , 0.5dBFS
-
O
17
-
-
-
-
-
-
-
-
95
100
105
110
115
120
125
130
135
-
3.5
4.0
4.5
5.0
5.2
Reference Voltage (V)
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
2.5
3.0
125
120
115
110
105
100
95
90
85
3.5
4.0
4.5
5.0
5.2
Reference Voltage (V)
2.5
3.0
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
4
3
2
1
0
-55
-35
-15
5
25
45
65
85
105
125
Temperature ( C)
°
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
20
15
10
5
0
Total Harmonic Distortion (dB)
30 Units
G = 1/1
G = 1/4
G = 1/16
G = 1/64
DAC1280
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = +2.5V, DVDD = +3.3V, CLK = 4.096MHz, VREF = +5V, and RREF = 30kΩ, unless
otherwise noted. Data acquired using circuit configuration shown in Figure 35. THD and SNR measured by ADS1282 (1ms
sampling and complement gain setting).
THD vs CLK
SNR vs CLK
Figure 20.
Figure 21.
THD vs VREF
SNR vs VREF
Figure 22.
Figure 23.
ANALOG POWER-SUPPLY CURRENT vs
THD HISTOGRAM
TEMPERATURE
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC1280


Numéro de pièce similaire - DAC1280IPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
More results

Description similaire - DAC1280IPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com