Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1232LCJ-1 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce DAC1232LCJ-1
Description  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1232LCJ-1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DAC1232LCJ-1 Datasheet HTML 6Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 7Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 8Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 9Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 10Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 11Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 12Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 13Page - Texas Instruments DAC1232LCJ-1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application Hints (Continued)
cations where the DAC is used in a continuous feedback
control loop and is driven by a binary updown counter or in
function generation circuits where a ROM is continuously
providing DAC data
Only the DAC1208 DAC1209 DAC1210 devices can have
all 12 inputs flow-through Simply grounding CS WR1 WR2
and XFER and tying Byte 1Byte 2 high allows both internal
registers to follow the applied digital inputs (flow-through)
and directly affect the DAC analog output
17 Address Decoding Tips
It is possible to map the MICRO-DACs into system ROM
space to allow more efficient use of existing address decod-
ing hardware The DAC in effect can share the same ad-
dresses of any number of ROM locations The ROM outputs
will only be enabled by a READ of its address (gated by the
system READ strobe) and the DAC will only accept data
that is written to the same address (gated by the system
WRITE strobe)
The Byte 1Byte 2 control function can easily be generated
by the processor’s least significant address bit (A0) by plac-
ing the DAC at two consecutive address locations and utiliz-
ing double-byte WRITE instructions which automatically in-
crement or decrement the address The CS and XFER sig-
nals can then be decoded from the remaining address bits
Care must be taken in selecting the actual address used
for Byte 1 of the DAC to prevent a carry (as a result of
incrementing the address for Byte 2) from propagating
through the address word and changing any of the bits de-
coded for CS or XFER
Figure 5 shows how to prevent this
effect
The same problem can occur from a borrow when an auto-
decremented address is used but only if the processor’s
address outputs are inverted before being decoded
18 Control Signal Timing
When interfacing these MICRO-DACs to any microproces-
sor there are two important time relationships that must be
considered to insure proper operation The first is the mini-
mum WR strobe pulse width which is specified as 320 ns for
VCCe114V to 1575V and operation over temperature but
typically a pulse width of only 250 ns is adequate A second
consideration is that the guaranteed minimum data hold
time of 90 ns should be met or erroneous data can be
latched This hold time is defined as the length of time data
must be held valid on the digital inputs
after a qualified (via
CS)WR strobe makes a low to high transition to latch the
applied data
If the controlling device or system does not inherently meet
these timing specs the DAC can be treated as a slow mem-
ory or peripheral and utilize a technique to extend the write
strobe A simple extension of the write time by adding a
wait state can simultaneously hold the write strobe active
and data valid on the bus to satisfy the minimum WR pulse
Write
Address Bits
Cycle
15
2
1
0
First
01
(Byte 1)
Decoded to
Second
Address DAC
1
0
(Byte 2)
Starting with a 0 prevents a carry on address incrementing
Used as Byte 1Byte2 Control
FIGURE 5
TLH5690-12
FIGURE 6 Accommodating a High Speed System
X
Y
9


Numéro de pièce similaire - DAC1232LCJ-1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1232LCJ-1 NSC-DAC1232LCJ-1 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1232LCJ-1 NSC-DAC1232LCJ-1 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Description similaire - DAC1232LCJ-1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com